Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1-A Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD813F1-A
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1-A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD813F1-A Datasheet HTML 17Page - STMicroelectronics PSD813F1-A Datasheet HTML 18Page - STMicroelectronics PSD813F1-A Datasheet HTML 19Page - STMicroelectronics PSD813F1-A Datasheet HTML 20Page - STMicroelectronics PSD813F1-A Datasheet HTML 21Page - STMicroelectronics PSD813F1-A Datasheet HTML 22Page - STMicroelectronics PSD813F1-A Datasheet HTML 23Page - STMicroelectronics PSD813F1-A Datasheet HTML 24Page - STMicroelectronics PSD813F1-A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
Preliminary
PSD813F1-A
17
The
PSD813F1
Functional
Blocks
(cont.)
9.1.1.3.1 Instructions
An instruction is defined as a sequence of specific operations. Each received byte is
sequentially decoded by the PSD and not executed as a standard write operation. The
instruction is executed when the correct number of bytes are properly received and the time
between two consecutive bytes is shorter than the time-out value. Some instructions are
structured to include read operations after the initial write operations.
The sequencing of any instruction must be followed exactly. Any invalid combination of
instruction bytes or time-out between two consecutive bytes while addressing Flash
memory will reset the device logic into a read array mode (Flash memory reads like a ROM
device). An invalid combination or time-out while addressing the EEPROM block will cause
the offending byte to be interpreted as a single operation.
The PSD813F1 supports these instructions (see Table 9):
Flash memory:
t Erase memory by chip or sector
t Suspend or resume sector erase
t Program a byte
t Reset to read array mode
t Read Flash Identifier value
t Read sector protection status
EEPROM:
t Write data to OTP Row
t Read data from OTP Row
t Power down memory
t Enable Software Data Protect (SDP)
t Disable SDP
t Return from read OTP Row read mode or power down mode.
These instructions are detailed in Table 9. For efficient decoding of the instructions, the first
two bytes of an instruction are the coded cycles and are followed by a command byte or
confirmation byte. The coded cycles consist of writing the data AAh to address X555h
during the first cycle and data 55h to address XAAAh during the second cycle. Address
lines A15-A12 are don’t cares during the instruction write cycles. However, the appropriate
sector select signal (FSi or EESi) must be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com