Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC0355/50 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # LTC0355/50
Description  Dinion Mono Cameras
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

LTC0355/50 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  LTC0355/50 Datasheet HTML 1Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dinion
 Mono Cameras
Ì 1/3" CCD professional quality cameras
Ì Ready to use straight from the box
Ì Auto detection of lens type
Ì Lens wizard for easy back focus adjustment
Ì High sensitivity
Ì Advanced digital signal processing
Ì Outstandingly easy to use
Ì Suitable for indoor or outdoor use
Ì Ideal for 90% of applications
Ì Available in standard and high resolution versions
Lens not supplied
Order Code
430-8141
430-8153
430-8165
430-8177
Resolution (TVL)
380
380
570
570
Sensor
1/3 CCD
1/3 CCD
1/3 CCD
1/3 CCD
Lux Level
0.15
0.15
0.1
0.1
Shutter Speeds
1/50 to 1/50000
1/50 to 1/50000
1/50 to 1/50000
1/50 to 1/50000
Lens
CS-Mount
CS-Mount
CS-Mount
CS-Mount
Iris
EI/AI
EI/AI
EI/AI
EI/AI
Voltage/Power
10.8 to 39V dc
85 to 265V ac
10.8 to 39V dc
85 to 265V ac
Connector
BNC
BNC
BNC
BNC
Dimensions (HxWxD)
122 x 66 x 58
122 x 66 x 58
122 x 66 x 58
122 x 66 x 58
248156.383132
Supply
Price Each
Voltage
Order Code
Medium Resolution
12V dc/24V ac
430-8141
230V ac
430-8153
High Resolution
12V dc/24V ac
430-8165
230V ac
430-8177


Similar Part No. - LTC0355/50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LTC0353-51R LINKCOM-LTC0353-51R Datasheet
71Kb / 1P
G . hn Transformer
More results

Similar Description - LTC0355/50

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7190 HAMAMATSU-C7190 Datasheet
123Kb / 2P
Electron Bombardment CCD Cameras
logo
ATMEL Corporation
1M60 ATMEL-1M60 Datasheet
375Kb / 26P
CameraLink Areascan Cameras
logo
Sangdest Microelectroni...
SMP3030-01ETG SMC-SMP3030-01ETG Datasheet
283Kb / 5P
Digital Cameras
logo
Laird Tech Smart Techno...
ET20 LSTD-ET20 Datasheet
562Kb / 2P
CCD cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
logo
OmniVision Technologies...
OV4689 OMNIVISION-OV4689 Datasheet
1Mb / 2P
IP Cameras
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
Digital Still Cameras
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
Digital Still Cameras
logo
Leopard Imaging Inc.
LI-OV2640-USB-M7 LEOPARD-LI-OV2640-USB-M7 Datasheet
403Kb / 2P
USB 2.0 Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
Digital Still Cameras
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com