Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB4-RKS Datasheet(PDF) 1 Page - Schutzinger GmbH

Part # LB4-RKS
Description  Laboratory socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHUTZINGER [Schutzinger GmbH]
Direct Link  https://www.schuetzinger.de/en/
Logo SCHUTZINGER - Schutzinger GmbH

LB4-RKS Datasheet(HTML) 1 Page - Schutzinger GmbH

  LB4-RKS Datasheet HTML 1Page - Schutzinger GmbH LB4-RKS Datasheet HTML 2Page - Schutzinger GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1)
other contact platings, colours and terminals on request
2)
at normal ambient temperatures
General information
Order No. 1)
colours
contact parts
insulation
LB 4-RKS Ni | Sn/ 8,4 /...(colour)
black, red, blue, yellow, green, grey,
brown, white, purple
nickel-plated | tin-plated
PA 6.6 (UV94-V2)
● with ring lug for permanent connection of screw-type terminal M8
● ring lug can be bent up to 90° once
LB 4-RKS
Laboratory socket
Ø 4mm
date: 01.03.2026
30 V
AC / 60 V DC
32 A
Technical data
terminal
rated voltage 2)
rated current 2)
operating temperature
ring lug
30 V
AC / 60 VDC
32 A
from -40 °C to +80 °C
22,5
16,,5
24,5
21


Similar Part No. - LB4-RKS

ManufacturerPart #DatasheetDescription
logo
Schutzinger GmbH
LB4-1 SCHUTZINGER-LB4-1 Datasheet
143Kb / 2P
Laboratory socket
25.02.2026
LB4-2S SCHUTZINGER-LB4-2S Datasheet
173Kb / 2P
Laboratory socket
27.02.2026
LB4-KS SCHUTZINGER-LB4-KS Datasheet
141Kb / 2P
Laboratory sockets
01.03.2026
More results

Similar Description - LB4-RKS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SL-SERIES STEALTH_MICROWAVE-SL-SERIES Datasheet
97Kb / 1P
LABORATORY MODEL
logo
Pan Jit International I...
EST1AF PANJIT-EST1AF Datasheet
142Kb / 5P
Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
HFM105 ETC2-HFM105 Datasheet
150Kb / 2P
Plastic package has Underwriters Laboratory
H31 ETC2-H31 Datasheet
126Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
Plastic package has Underwriters Laboratory
logo
Yea Shin Technology Co....
MBRL120S YEASHIN-MBRL120S Datasheet
813Kb / 10P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
Underwriters Laboratory
logo
Leshan Radio Company
1N4933 LRC-1N4933_15 Datasheet
200Kb / 7P
Plastic package has Underwriters Laboratory
DRS1M LRC-DRS1M_15 Datasheet
533Kb / 4P
Plastic package has Underwriters Laboratory
logo
DIYI Electronic Technol...
KBJ6005 DYELEC-KBJ6005 Datasheet
541Kb / 2P
Plastic material has Underwriters Laboratory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com