Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC852T_07 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
49
CPM Electrical Characteristics
Table 21 provides the NMSI internal clock timing.
107
RXD3 hold time from RCLK3 rising edge2
5.00
—
ns
108
CD3 setup Time to RCLK3 rising edge
5.00
—
ns
1 The ratios SyncCLK/RCLK3 and SyncCLK/TCLK3 must be greater than or equal to 2.25/1.
2 Also applies to CD and CTS hold time when they are used as an external sync signal.
Table 21. NMSI Internal Clock Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
100
RCLK3 and TCLK3 frequency1
1 The ratios SyncCLK/RCLK3 and SyncCLK/TCLK3 must be greater or equal to 3/1.
0.00
SYNCCLK/3
MHz
102
RCLK3 and TCLK3 rise/fall time
—
—
ns
103
TXD3 active delay (from TCLK3 falling edge)
0.00
30.00
ns
104
RTS3 active/inactive delay (from TCLK3 falling edge)
0.00
30.00
ns
105
CTS3 setup time to TCLK3 rising edge
40.00
—
ns
106
RXD3 setup time to RCLK3 rising edge
40.00
—
ns
107
RXD3 hold time from RCLK3 rising edge2
2 Also applies to CD and CTS hold time when they are used as an external sync signals.
0.00
—
ns
108
CD3 setup time to RCLK3 rising edge
40.00
—
ns
Table 20. NMSI External Clock Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com