Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSB321SD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DSB321SD
Description  GPS / Industrial Radio system
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSB321SD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DSB321SD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DSA321SD/ DSB321SD for GPS / Industrial Radio system
SMD (VC-) TCXO
DSB321SD (TCXO)
DSA321SD (VC-TCXO)
−
−
9.6 MHz to 40 MHz
10/ 12.504/ 13/ 14.4/ 16.3676/ 16.369/ 16.8/ 18.414/ 23.104/ 24.5535/ 26 MHz
+2.6 V /+2.8 V / +3.0V
+1.2 mA max. (F≦15MHz) / +1.4 mA max. (15<F≦26MHz) / +1.6 mA max. (F>26MHz)
0.8 Vp-p min. (Clipped Sinewave / DC-coupled)
-5dBc max.
10kΩ//10 pF
±1.5×10
-6 max.( After 2 reflows )
±0.2×10
-6 max. (Vcc ± 5%)
±0.2×10
-6 max. ( 10 kΩ//10 pF ±10%)
±1.0×10
-6 max. /year
2.0 msec. max.
± 3 to ± 5×10
-6 / Vcont = +1.5V ± 1V
Positive
[mm]
[F≦15MHz]
−115 dBc/Hz (Offset 100Hz)
−135 dBc/Hz (Offset 1kHz)
−145 dBc/Hz (Offset 10kHz)
−145 dBc/Hz (Offset 100kHz)
[15MHz<F≦26MHz]
−110 dBc/Hz (Offset 100Hz)
−130 dBc/Hz (Offset 1kHz)
−140 dBc/Hz (Offset 10kHz)
−145 dBc/Hz (Offset 100kHz)
[F>26MHz]
−105 dBc/Hz (Offset 100Hz)
−125 dBc/Hz (Offset 1kHz)
−135 dBc/Hz (Offset 10kHz)
−145 dBc/Hz (Offset 100kHz)
2000pcs./reel(φ180)
Pb-Free
RoHS Compliant
〈Top View〉
±1.0×10
-6 max. / - 40 to +85 deg C
±0.5×10
-6 max. / - 40 to +85 deg C(Option)
Actual size
Features
3225 size, 0.9 mm high miniature SMD VC-TCXO
(0.008cc, 0.003g)
Low voltage. Supply voltage up to +2.4±0.1V.
Low current consumption
Low phase noise
Single packaged structure making the use of
moisture-proof packaging unnecessary.
Moisture Sensitivity Level: LEVEL 1 (IPC/JEDEC J-STD-033)
Applications
GPS and industrial radio communications
●
●
●
●
●
●
Standard Specification
Consult our sales representative for other specifications.
Dimensions[mm]
Recommended Land Pattern
Type
Item
Output Frequency Range
Standard Frequency
Supply Voltage
Current Consumption
Output Level
Harmonics
Output Load
Frequency Stability
 Tolerance
 vs. Temperature
 vs. Supply Voltage
 vs. Load Variation
 vs. Aging
Start up Time
Frequency Control
 Control Sensitivity
 Response Slope
Phase Noise
Packing Unit
Printed Code
G VC-TCXO (DSA321SD)
H TCXO
(DSB321SD)
Pin Connections
Pin No.
Connection
Vcont(VC-TCXO)/GND(TCXO)
GND
Output
Vcc
N.C.(Test Terminal)
N.C.(Test Terminal)
N.C.(Test Terminal)
N.C.(Test Terminal)
#1
#2
#3
#4
#5
#6
#7
#8
0.50
#1
#4
Index
#6
#2
#5
#7
#8
#3
C0.2
3.20±0.15
1.20
2.24
3.20
0.40
0.78
0.78
(2.24)
3.02
#1 Index
Logo
Lot No.
Frequency
(MHz)
Printed Code


Similar Part No. - DSB321SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSB321SC ETC2-DSB321SC Datasheet
150Kb / 1P
Mobile communications
More results

Similar Description - DSB321SD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1012S-1 MITSUBISHI-MF1012S-1 Datasheet
153Kb / 1P
FOR GPS SYSTEM
logo
National Semiconductor ...
LM1868 NSC-LM1868 Datasheet
251Kb / 10P
Radio System
LM3820 NSC-LM3820 Datasheet
118Kb / 4P
AM RADIO SYSTEM
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
AM/FM RADIO SYSTEM
logo
National Semiconductor ...
LM3820 NSC-LM3820_89 Datasheet
132Kb / 6P
AM Radio System
logo
Red Lion Controls. Inc
702-W REDLION-702-W Datasheet
1Mb / 6P
Industrial Wireless Radio
702M12-W REDLION-702M12-W Datasheet
2Mb / 6P
Industrial Wireless Radio
logo
Skyworks Solutions Inc.
SKY65623-682LF_017 SKYWORKS-SKY65623-682LF_017 Datasheet
645Kb / 8P
GPS/GLONASS/Galileo/Compass radio receivers
logo
TE Connectivity Ltd
920-420-001 TEC-920-420-001 Datasheet
634Kb / 4P
GPS/ div. Radio Services Screw Antenna
920-421-001 TEC-920-421-001 Datasheet
606Kb / 2P
GPS/ div. Radio Services Magnetic Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com