Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8402 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # CS8402
Description  TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CS8402 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  CS8402 Datasheet HTML 1Page - Pulse A Technitrol Company CS8402 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard
RoHS-6
Turns
Primary
LL
Rise Time
ET
Isolation
Bandwidth
Return Loss
Part
Compliant
Ratio
Inductance
(µH)
(nsec)
(V-µsec)
(Vrms)
(100 KHz- 55 MHz)
(100kHz-10MHz)
Schematic
Number
Part No.
(±5%)
(mH ±20%)
MAX
MAX
MIN
MIN
TYP
MIN
PE-65612
PE-65612NL
1:1
2.5
.50
25
20
2000
3 dB
20 dB
THT
PE-65812
PE-65812NL
1:1
2.5
.50
25
20
2000
3 dB
20 dB
SMT
TRANSFORMERS FOR DIGITAL
AUDIO DATA TRANSMISSION
For Use with Cirrus Logic’s CS8401,
CS8402, CS8403 & CS8404 ICs
Mechanicals
Schematics
Operating transmission rates: 1 to 7 Mbps
Controlled rise time: 25 nsec MAX
High isolation voltage: 2 kV MIN
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
80
70
60
50
40
30
20
10
0
0.1
1
3
6
10
30
MHZ
dB
Common Mode Rejection
.030
0,76
PE-65812
DATE CODE
85
14
.100
2,54
.475 MAX
12,06
SUGGESTED PAD LAYOUT
.300
7,62
.640
16,26
.400
10,16
.120
3,05
.050 TYP
1,27
.100 TYP
2,54
.475
12,06
MAX
.400
10,16
MAX
.600
15,24
MAX
.340
8,64
MAX
.040 / .050
1,02 / 1,27
.004/0,10
.010 / .020
0,25 / 0,51
.085
2,16
Leads are
24 AWG-solderable
2
1
4
3
PE-65612
DATE CODE
.120
3,05
.500
MAX
12,70
.350
8,89
.250
MAX
6,35
.200
5,08
.400
10,16
PE-65612
PE-65812
Weight . . . . . . . . . .1.2 grams . . . . . .2.0 grams
Tape & Reel . . . . . . . . . . . .NA . . . . . . . .250/reel
Tube . . . . . . . . . . . . . .60/tube . . . . . . . .30/tube
Dimensions: Inches
mm
Unless otherwise specified all tolerances are ±.010
0,25
24
13
1
8
4
5
PE-65612
PE-65812
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 5538070 •• Taiwan 886 3 4641811
www.pulseeng.com
P601.D (2/06)


Similar Part No. - CS8402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8402A ETC-CS8402A Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
CS8402A-CP ETC-CS8402A-CP Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
CS8402A-CS ETC-CS8402A-CS Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
CS8402A-IP ETC-CS8402A-IP Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
CS8402A-IS ETC-CS8402A-IS Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
More results

Similar Description - CS8402

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DA100 CANDD-DA100 Datasheet
141Kb / 2P
Transformers for Digital Audio Data Transmission
logo
List of Unclassifed Man...
ST-85612 ETC-ST-85612 Datasheet
129Kb / 1P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Rhombus Industries Inc.
T-10247 RHOMBUS-IND-T-10247 Datasheet
33Kb / 1P
Digital Audio Data Transmission Transformers
10/12/96
logo
Murata Manufacturing Co...
KMP_DA100 MURATA-KMP_DA100 Datasheet
127Kb / 3P
Transformers for Digital Audio Data Transmission
logo
Pulse A Technitrol Comp...
PE-65612NL PULSE-PE-65612NL Datasheet
393Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Murata Manufacturing Co...
DA101MC MURATA-DA101MC Datasheet
454Kb / 3P
Transformers for Digital Audio Data Transmission
logo
Allied Components Inter...
AT0401DX ALLIED-AT0401DX Datasheet
381Kb / 1P
TRANSFORMER FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Pulse A Technitrol Comp...
T6074NL PULSE-T6074NL Datasheet
58Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Murata Power Solutions ...
DA100J MURATA-PS-DA100J Datasheet
121Kb / 3P
SM Transformers for Digital Audio Data Transmission
logo
Pulse A Technitrol Comp...
PE-65612NL PULSE-PE-65612NL_13 Datasheet
378Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com