Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH340ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH340ID
Description  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340ID Datasheet(HTML) 5 Page - STMicroelectronics

  TSH340ID Datasheet HTML 1Page - STMicroelectronics TSH340ID Datasheet HTML 2Page - STMicroelectronics TSH340ID Datasheet HTML 3Page - STMicroelectronics TSH340ID Datasheet HTML 4Page - STMicroelectronics TSH340ID Datasheet HTML 5Page - STMicroelectronics TSH340ID Datasheet HTML 6Page - STMicroelectronics TSH340ID Datasheet HTML 7Page - STMicroelectronics TSH340ID Datasheet HTML 8Page - STMicroelectronics TSH340ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics
TSH340
5/13
Figure 7. Distortion on 100
Ω load
Figure 8. Output lower rail vs. frequency
Figure 9. Output voltage swing vs. frequency
01
234
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
HD3
(30MHz)
HD2
(30MHz)
HD2
(10MHz)
HD3
(10MHz)
Vcc=5V
Load=100
Output Amplitude (Vp-p)
10k
100k
1M
10M
100M
0
100
200
300
400
500
Vcc=5V
Load=100
or 150
Frequency (Hz)
1M
10M
0
1
2
3
4
5
Vcc=5V
Load=100
or Load=150
Frequency (Hz)
Figure 10. Distortion on 150
Ω load
Figure 11. Output voltage swing vs. Vcc
Figure 12. Quiescent current vs. vcc
01
234
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
HD3
(30MHz)
HD2
(30MHz)
HD2
(10MHz)
HD3
(10MHz)
Vcc=5V
Load=150
Output Amplitude (Vp-p)
3,00
3,25
3,50
3,75
4,00
4,25
4,50
4,75
5,00
0
1
2
3
4
5
F=30MHz
Load=100
or 150
Vcc (V)
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
5
10
15
20
no load
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com