| Electronic Components Datasheet Search |
|
PSD835G2-90UI Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD835G2-90UI Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 110 page ![]() PSD835G2 PSD8XX Family 43 The PSD835G2 Functional Blocks (cont.) 9.3 Microcontroller Bus Interface The “no-glue logic” PSD835G2 Microcontroller Bus Interface can be directly connected to most popular microcontrollers and their control signals. Key 8-bit microcontrollers with their bus types and control signals are shown in Table 14. The MCU interface type is specified using the PSDsoft. 9.3.1. PSD835G2 Interface to a Multiplexed Bus Figure 17 shows an example of a system using a microcontroller with a 8-bit multiplexed bus and a PSD835G2. The ADIO port on the PSD835G2 is connected directly to the microcontroller address/data bus. ALE latches the address lines internally. Latched addresses can be brought out to Port E, F or G. The PSD835G2 drives the ADIO data bus only when one of its internal resources is accessed and the RD input is active. Should the system address bus exceed sixteen bits, Ports A, B, C, or F may be used as additional address inputs. 9.3.2. PSD835G2 Interface to a Non-Multiplexed Bus Figure 18 shows an example of a system using a microcontroller with a 8-bit non-multiplexed bus and a PSD835G2. The address bus is connected to the ADIO Port, and the data bus is connected to Port F. Port F is in tri-state mode when the PSD835G2 is not accessed by the microcontroller. Should the system address bus exceed sixteen bits, Ports A, B or C may be used for additional address inputs. Data Bus MCU Width CNTL0 CNTL1 CNTL2 PC7 PD0** ADIO0 PF3-PF0 PF7-PF4 8031/8051 8 WR RD PSEN * ALE A0 ** 80C51XA 8 WR RD PSEN * ALE A4 A3-A0 * 80C251 8 WR PSEN ** ALE A0 ** 80C251 8 WR RD PSEN * ALE A0 ** 80198 8 WR RD ** ALE A0 ** 68HC11 8 R/W E ** AS A0 ** 68HC05C0 8 WR RD ** AS A0 ** 68HC912 8 R/W E * DBE AS A0 ** Z80 8 WR RD ** * A0 D3-D0 D7-D4 Z8 8 R/W DS ** AS A0 ** 68330 8 R/W DS ** AS A0 ** M37702M2 8 R/W E ** ALE A0 D3-D0 D7-D4 Table 14. Microcontrollers and their Control Signals **Unused CNTL2 pin can be configured as PLD input. Other unused pins (PD3-0, PA3-0) can be **configured for other I/O functions. **ALE/AS input is optional for microcontrollers with a non-multiplexed bus |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |