Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6410B. Datasheet(PDF) 1 Page - Pro-Signal

Part # 6410B.
Description  LCD Monitor Desk Stand
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

6410B. Datasheet(HTML) 1 Page - Pro-Signal

  6410B. Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.1
10/01/24
LCD Monitor Desk Stand
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Stand alone for a desktop using.
•  Monitor can be tilted.
•  Meets with standard VESA mounting brackets 75mm × 75mm and 100mm × 100mm
•  Holds 14″-22″ LCD Monitor up to 8kgs.
•  The height of monitor is adjustable.
Diagram
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
LCD Monitor Desk Stand
6410B


Similar Part No. - 6410B.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
6410 MOLEX-6410 Datasheet
69Kb / 2P
KK Mini -2.50mm & 2.54mm Modular Interconnection System
6410-2A110210-C MOLEX3-6410-2A110210-C Datasheet
438Kb / 6P
2.54mm (.100") Pitch KK짰 Header, Vertical, with Friction Lock, 2 Circuits, Tin (Sn), Red
6410-4A102D-C MOLEX3-6410-4A102D-C Datasheet
430Kb / 6P
2.54mm (.100") Pitch KK짰 Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn), Red
6410-4AD-C MOLEX3-6410-4AD-C Datasheet
430Kb / 6P
2.54mm (.100") Pitch KK짰 Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn), Red
logo
Presto International UK...
64100 PRESTO-64100 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 6410B.

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCB8517 PHILIPS-PCB8517 Datasheet
740Kb / 24P
Stand-alone OSD for monitor applications
1997 Mar 03
logo
Purdy Electronics Corpo...
AND-TFT-5TS-DHB-KIT PURDY-AND-TFT-5TS-DHB-KIT Datasheet
410Kb / 7P
LCD Color Monitor
AND-TFT-5VX PURDY-AND-TFT-5VX Datasheet
260Kb / 9P
LCD Color Monitor
AND-TFT-25XS-LED PURDY-AND-TFT-25XS-LED Datasheet
123Kb / 6P
LCD Color Monitor
AND-TFT-35PA PURDY-AND-TFT-35PA Datasheet
194Kb / 4P
LCD Color Monitor
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
219Kb / 6P
LCD Color Monitor
logo
Axiomtek Co., Ltd.
LS-420 AXIOMTEK-LS-420 Datasheet
115Kb / 1P
Industrial LCD Monitor
logo
Tripp Lite. All Rights ...
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
MR1815SWVL TRIPPLITE-MR1815SWVL Datasheet
163Kb / 2P
Universal Swivel Monitor Stand/Riser
WWSSRDSTC TRIPPLITE-WWSSRDSTC Datasheet
162Kb / 2P
Rolling Desk TV/Monitor Cart - Height Adjustable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com