Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS00534 Datasheet(PDF) 1 Page - Pro-Signal

Part # LS00534
Description  Miniature Speakers - 8Ω
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

LS00534 Datasheet(HTML) 1 Page - Pro-Signal

  LS00534 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power
Frequency
Price Each
Dia.
(Max.)
Response
Order Code
Imperial Sizes
2" Ferrite
0.2W
430Hz - 6kHz
426-2293
21⁄4" Alnico
0.25W 380Hz - 5kHz
426-2311
21⁄4" Ferrite
0.25W 400Hz - 6kHz
426-2323
Power
Price Each
Dia.
(Max.)
Order Code
Metric Sizes
40mm
0.2W
371-4020
50mm
0.25W
371-4032
57mm
0.25W
371-4044
70mm
0.5W
371-4056
77mm
0.5W
371-4068
92mm
1.0W
371-4070
103mm
1.6W
371-4081
Miniature Speakers - 8Ω
Miniature, general purpose round speak-
ers with big sounds. Suitable for general
purpose use or as replacements in radios,
TV’s, cassette units, etc. Available in ei-
ther Alnico or Ferrite type magnets.
248430


Similar Part No. - LS00534

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
LS00532 PROSIGNAL-LS00532 Datasheet
213Kb / 1P
Mini Loudspeaker
08/10/14 V1.0
More results

Similar Description - LS00534

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1EZSM4T ETC-SM1EZSM4T Datasheet
844Kb / 1P
Easy Install Speakers
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
Speakers
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
logo
Gamewell-FCI by Honeywe...
SP200W GAMEWELL-FCI-SP200W Datasheet
285Kb / 2P
Dual-Voltage Transformer Speakers
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
Internal Sounders Speakers
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-R PUIAUDIO-AS01508AO-SC-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-WP-R PUIAUDIO-AS01508AO-SC-WP-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
Amplified Speakers
03 JUL 19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com