Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM5/T Datasheet(PDF) 1 Page - Pro-Signal

Part # FM5/T
Description  51⁄4" / 61⁄2" Ceiling Speakers – Flush
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

FM5/T Datasheet(HTML) 1 Page - Pro-Signal

  FM5/T Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
869-7221
869-7230
869-7248
869-7256
Power Rating
6W
6W
6W
6W
Input
100V
100V
100V
100V
Tappings
6, 3, 1.5, 0.75W
Freq. Response
100Hz to 20kHz
SPL
92dB
92dB
93dB
93dB
Dimensions (Dia.xD)
Ø180 x 127mm
Ø180 x 131mm
Ø230 x 127mm
Ø230 x 131mm
Cut-out
Ø160mm
Ø160mm
Ø200mm
Ø200mm
Price Each
Description
Order Code
51/4"
869-7221
51/4" + eVAX
869-7230
61/2"
869-7248
61/2" + eVAX
869-7256
51⁄4" / 61⁄2" Ceiling Speakers – Flush
A range of flush mounting ceiling speakers with
a steel construction and twin cones for extend-
ed frequency response. Ideal for paging, back-
ground music and voice alarm waiting rooms,
hotels, offices and retail outlets. Finished in
white and supplied with easy mount brackets.
Note: 869-7230 and 869-7256 are fitted with
the eVAX system (to BS5839 part 8 ) for use in
life safety or voice evacuation installations.
Features include: mild steel firedome; ceramic
terminal blocks; 150°C thermal fuse; fireproof
cable fitted.
383806.260823


Similar Part No. - FM5/T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
41Kb / 8P
Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
Fusible Flameproof Resistors
01-MAR-2023
More results

Similar Description - FM5/T

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
Speakers
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
Internal Sounders Speakers
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
Amplified Speakers
03 JUL 19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com