Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB1 Datasheet(PDF) 1 Page - Pro-Signal

Part # AB1
Description  BNC Balun RJ45 Pin 1/2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AB1 Datasheet(HTML) 1 Page - Pro-Signal

  AB1 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
07/12/12
BNC Balun
RJ45 Pin 1/2
Specifications:
Connector Type
: Adapter
Connector Type A
: BNC Jack
Connector Type B
: RJ45
Impedance
: 50Ω
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Balun, BNC-RJ45 Pin 1/2
AB1/2M88
Part Number Table
Item
Q’ty
Description
1
1 Set
BNC Male Solder Type
2
1 Set
Plastic Set (Top, Bottom & Side Cover)
3
1 Set
RJ45 Jack, Gold 50µʺ / PVC Wire 26AWG
4
1 Set
PCB Set (Transformer 1 : 1.41, C1 0.1µF)
Dimensions : Millimetres


Similar Part No. - AB1

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AB1 ALTECH-AB1 Datasheet
283Kb / 1P
30 mm Non-Illuminated Booted Momentary Metal Operator ABx
logo
AUER Signal GmbH
AB1 AUERSIGNAL-AB1 Datasheet
424Kb / 2P
LED steady/flashing beacon with buzzer indicator
logo
American Portwell Techn...
AB1-3A46 PORTWELL-AB1-3A46 Datasheet
2Mb / 1P
Type VI Compact COM Express module based on Intel짰 4th generation Core ULT processor with DDR3L SDRAM, Triple Displays, SATA, and USB3.0/2.0
logo
DONGGUAN YOU FENG WEI E...
AB10 YFWDIODE-AB10 Datasheet
502Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Chip Integration Techno...
AB102S CITC-AB102S Datasheet
94Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results

Similar Description - AB1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007681-CT2010 MACOM-MABA-007681-CT2010 Datasheet
116Kb / 3P
2:1 Transmission Line Balun Transformer
logo
Johanson Technology Inc...
0430BL15A0100 JOHANSON-0430BL15A0100 Datasheet
205Kb / 2P
430 MHz 1:2 Balun
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
2.6 GHz 1:2 Balun/Filter Combination
logo
M/A-COM Technology Solu...
MABA-007681-CT2010-V3 MA-COM-MABA-007681-CT2010-V3 Datasheet
584Kb / 4P
Transformer, 1:2 Transmission Line Balun
MABA-011029 MA-COM-MABA-011029 Datasheet
688Kb / 4P
Transformer, 1:2 Transmission Line Balun
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0 Datasheet
129Kb / 3P
2:1 Flux Coupled Balun Transformer
logo
Pulse A Technitrol Comp...
CX2156NL PULSE-CX2156NL Datasheet
104Kb / 1P
BALUN TRANSFORMER, 1 1
logo
M/A-COM Technology Solu...
MABA-011029 MA-COM-MABA-011029_15 Datasheet
688Kb / 4P
Transformer, 1:2 Transmission Line Balun
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0_15 Datasheet
129Kb / 3P
2:1 Flux Coupled Balun Transformer
MABA-007681-CT2010 MA-COM-MABA-007681-CT2010_15 Datasheet
779Kb / 4P
Transformer, 1:2 Transmission Line Balun
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com