Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB4 Datasheet(PDF) 1 Page - Pro-Signal

Part # AB4
Description  BNC Balun RJ45 Pin 4/5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AB4 Datasheet(HTML) 1 Page - Pro-Signal

  AB4 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
07/12/12
BNC Balun
RJ45 Pin 4/5
Specifications:
Connector Type
: Adapter
Connector Type A
: BNC Jack
Connector Type B
: RJ45
Impedance
: 50Ω
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Balun, BNC-RJ45 Pin 4/5
AB4/5M88
Part Number Table
Item
Q’ty
Description
1
1 Set
BNC Male Solder Type
2
1 Set
Plastic Set (Top, Bottom & Side Cover)
3
1 Set
RJ45 Jack, Gold 50µʺ / PVC Wire 26AWG
4
1 Set
PCB Set (Transformer 1 : 1.41, C1 0.1µF)
Dimensions : Millimetres


Similar Part No. - AB4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AB4 ALTECH-AB4 Datasheet
283Kb / 1P
30 mm Non-Illuminated Booted Momentary Metal Operator ABx
logo
Goodwork Semiconductor ...
AB4 GWSEMI-AB4 Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
AB40 EIC-AB40 Datasheet
22Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40-C1000G EIC-AB40-C1000G Datasheet
22Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40-C1000G EIC-AB40-C1000G Datasheet
85Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AB4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009232-CT4A4B MA-COM-MABA-009232-CT4A4B Datasheet
134Kb / 3P
Transformer, 4:1 transmission line balun 5 to 1200 MHz
logo
Johanson Technology Inc...
4000BL14U100 JOHANSON-4000BL14U100 Datasheet
77Kb / 2P
Balun, Ultra-WideBand, 4 GHz
2450BL14B200 JOHANSON-2450BL14B200 Datasheet
120Kb / 2P
2.45GHz 1:4 Balun EIA 0603
logo
M/A-COM Technology Solu...
MABA-009232-CT4A4B MA-COM-MABA-009232-CT4A4B Datasheet
134Kb / 3P
Transformer, 4:1 transmission line balun
logo
ERNI Electronics
225122 ERNI-225122 Datasheet
37Kb / 1P
CCCS M12, 5 pin / M12 5 pin
logo
M/A-COM Technology Solu...
MABA-011002 MA-COM-MABA-011002_14 Datasheet
685Kb / 4P
4:1 Step Down Balun Transformer
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
2, 4 and 5 pin styles available
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
BALUN
logo
Cornell Dubilier Electr...
380LX CDE-380LX_18 Datasheet
1Mb / 12P
2, 4 and 5 pin styles available
logo
SparkFun Electronics
PRT-10365 SPARKFUN-PRT-10365 Datasheet
93Kb / 1P
Jumper Wire - 0.1, 5-pin, 4
10????8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com