Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR70530 Datasheet(PDF) 1 Page - Pro-Signal

Part # AR70530
Description  RCA Phone Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AR70530 Datasheet(HTML) 1 Page - Pro-Signal

  AR70530 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/09/12
RCA Phone Jack
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Dimensions : Millimetres
Description
Item
Part Name
Material
Plating
Part Number
RCA Phone Jack
Nickel Plated Plastic
Spring
1
RCA Socket
Cu
Ni
AR70530
2
bootleg
ABS
-
3
Cover
Cu
Ni
4
Soldering Part
5
Crimping Part
Specifications:
Connector Type
: RCA / Phono
Gender
: Receptacle
Connector Colour
: Red
Contact Termination
: Solder
Connector Body Material
: Metal
Connector Mounting Orientation
: Cable


Similar Part No. - AR70530

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AR70515 PROSIGNAL-AR70515 Datasheet
96Kb / 2P
Car Plug Aerial - Red
02/05/08
More results

Similar Description - AR70530

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Adam Technologies, Inc.
ASJ-22-3 ADAM-TECH-ASJ-22-3 Datasheet
81Kb / 1P
PHONE JACK
ASJ-63A-3 ADAM-TECH-ASJ-63A-3 Datasheet
78Kb / 1P
PHONE JACK
ASJ-117-C ADAM-TECH-ASJ-117-C Datasheet
81Kb / 1P
PHONE JACK
ASJ-119-A ADAM-TECH-ASJ-119-A Datasheet
80Kb / 1P
PHONE JACK
RCA-1-1-X-G ADAM-TECH-RCA-1-1-X-G Datasheet
93Kb / 1P
RCA JACK GOLD PLATED
RCA-1-X-X-G ADAM-TECH-RCA-1-X-X-G Datasheet
93Kb / 1P
RCA JACK GOLD PLATED
RCA-10-4-BRGY ADAM-TECH-RCA-10-4-BRGY Datasheet
81Kb / 1P
RCA JACK 4 PORTS
logo
CUI INC
RCJ-21XX CUI-RCJ-21XX Datasheet
159Kb / 3P
RCA JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com