Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV00187 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV00187
Description  Mini DIN Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV00187 Datasheet(HTML) 1 Page - Pro-Signal

  AV00187 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
24/09/12
Mini DIN Plug
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Specifications:
Connector Type A & B
: 4 Way Mini DIN Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 6.56ft
Cable Length - Metric
: 2m
Jacket Colour
: Black
Dimensions : Millimetres
Description
Part Number
Lead, 4 Pin Mini DIN Plug to Plug, 2M
AV00187
Part Number Table


Similar Part No. - AV00187

ManufacturerPart #DatasheetDescription
logo
Carl Kammerling Interna...
AV00010 CARL-AV00010 Datasheet
239Kb / 1P
Collapsible Stool
31 Jan 2023
logo
Pro-Signal
AV00053 PROSIGNAL-AV00053 Datasheet
26Kb / 1P
Stereo Headphones
AV00913 PROSIGNAL-AV00913 Datasheet
31Kb / 1P
3.5mm Stereo Jack Extension Leads
AV00939 PROSIGNAL-AV00939 Datasheet
201Kb / 1P
Lead 6.35mm S Jack Plug to Plug
12/09/12 V1.0
AV00948 PROSIGNAL-AV00948 Datasheet
22Kb / 1P
S-Video ,4-Pin Mini Din Leads
More results

Similar Description - AV00187

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
301A10479X CONEC-301A10479X Datasheet
127Kb / 1P
MINI DIN PLUG
logo
Adam Technologies, Inc.
MDP-00X-M ADAM-TECH-MDP-00X-M Datasheet
74Kb / 1P
MINI DIN PLUG
MDP-XX-LT ADAM-TECH-MDP-XX-LT Datasheet
115Kb / 1P
MINI DIN POWER PLUG
MDP-XXX ADAM-TECH-MDP-XXX Datasheet
100Kb / 1P
MINI DIN PLUG
MDS-XXX ADAM-TECH-MDS-XXX Datasheet
86Kb / 1P
MINI DIN FEMALE PLUG
MP-3P-M ADAM-TECH-MP-3P-M Datasheet
64Kb / 1P
MINI DIN POWER
logo
CUI INC
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
MINI DIN CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com