Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV02464 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02464
Description  Lead 6.3mm Mono Plug to 6.3mm Mono Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02464 Datasheet(HTML) 1 Page - Pro-Signal

  AV02464 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
14/09/12
Lead
6.3mm Mono Plug to 6.3mm Mono Plug
Specifications:
Connector Type A
: 6.35mm Mono Jack Plug
Connector Type B
: 6.35mm Mono Jack Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 6.56ft
Cable Length - Metric
: 2m
Jacket Colour
: Black
No. of Poles
: 2
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, 6.35mm M Jack Plug to Plug, 2M
AV02464
Part Number Table
Dimensions : Millimetres


Similar Part No. - AV02464

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02483 PROSIGNAL-AV02483 Datasheet
105Kb / 1P
Lead 6.3mm Stereo Plug to 2 x RCA Phono Plugs
14/09/12 V1.0
AV02497 PROSIGNAL-AV02497 Datasheet
235Kb / 1P
Lead
V1.0 01/10/12
AV02498 PROSIGNAL-AV02498 Datasheet
235Kb / 1P
Lead
V1.0 01/10/12
AV02499 PROSIGNAL-AV02499 Datasheet
105Kb / 1P
Lead 21 Pin to 21 Pin Scart Plug
14/09/12 V1.0
More results

Similar Description - AV02464

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELB-1010SYGD-S530-E2 EVERLIGHT-ELB-1010SYGD-S530-E2 Datasheet
87Kb / 6P
12.8 * 6.3mm Light Bars
ELB-1010SURD-S530-A3 EVERLIGHT-ELB-1010SURD-S530-A3 Datasheet
91Kb / 6P
12.8 * 6.3mm Light Bars
logo
LUMEX INC.
GT-NE6E1925T LUMEX-GT-NE6E1925T Datasheet
44Kb / 1P
NEON LAMP, 6.3mm DIA, HIGH BRIGHTNESS
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
logo
List of Unclassifed Man...
BZH01Z000001 ETC2-BZH01Z000001 Datasheet
68Kb / 2P
Fused Inlet with 2.8mm or 6.3mm tags
logo
CUI INC
MP-2501 CUI-MP-2501 Datasheet
103Kb / 1P
2.5(theta) MONO PHONE PLUG
MP-3501 CUI-MP-3501 Datasheet
108Kb / 1P
3.5(theta) MONO PHONE PLUG
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
For 6.3mm Dia
logo
CUI INC
MP3-2501 CUI-MP3-2501 Datasheet
76Kb / 1P
MONO PLUG
MP3-3501 CUI-MP3-3501 Datasheet
77Kb / 1P
MONO PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com