Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCD16-47B Datasheet(PDF) 4 Page - STMicroelectronics

Part # RCD16-47B
Description  RCD NETWORK FOR BUS TERMINATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RCD16-47B Datasheet(HTML) 4 Page - STMicroelectronics

  RCD16-47B Datasheet HTML 1Page - STMicroelectronics RCD16-47B Datasheet HTML 2Page - STMicroelectronics RCD16-47B Datasheet HTML 3Page - STMicroelectronics RCD16-47B Datasheet HTML 4Page - STMicroelectronics RCD16-47B Datasheet HTML 5Page - STMicroelectronics RCD16-47B Datasheet HTML 6Page - STMicroelectronics RCD16-47B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Symbol
Parameter and test conditions
Typ.
Max.
Unit
RC
Connection resistance (note1)
Tamb =25
°C
0.25
Ω
Ct
Total capacitance
F = 1 MHz, VR = 0V, VRMS =30 mV
45
pF
IR
Leakage current
VR =VRRM
Tj =25
°C
Tj =70
°C
1
10
µA
VF
Forward voltage
IF =1 mA
IF =16 mA
Tj =25
°C
Tj =25
°C
0.5
1
V
Note 1 : Rc is the resistance between pin 1 and pin 11 or between pin 10 and pin 20
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
P
Total power dissipation per package
500
mW
IF
Continuous forward current per Schottky diode
50
mA
VRRM
Repetitive peak reverse voltage
7.5
V
VPP
Maximum electrostatic discharge
MIL STD 883C - METHOD 3015-6
2kV
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to + 150
150
°C
°C
ABSOLUTE MAXIMUM RATINGS (0
°C ≤ Tamb ≤ 70°C)
Symbol
Parameter
Package
Value
Unit
Rth(j-a)
Junction to ambient
SO20
SSOP20
100
140
°C/W
THERMAL RESISTANCE
RCD16-47B
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com