Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

403C22DM Datasheet(PDF) 1 Page - CTS Corporation

Part # 403C22DM
Description  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

403C22DM Datasheet(HTML) 1 Page - CTS Corporation

  403C22DM Datasheet HTML 1Page - CTS Corporation 403C22DM Datasheet HTML 2Page - CTS Corporation 403C22DM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document No. 008-0288-0
Page 1 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 403
Surface Mount Quartz Crystal
FEATURES
• Standard 3.2x2.5mm Surface Mount Footprint
• Stable Frequency Over Temperature and
Drive Level
• Frequency Range 12 – 50 MHz
• Frequency Tolerance, ±30 ppm Standard
(±10 ppm, ±15 ppm and ±20 ppm available)
• Frequency Stability, ±50 ppm Standard
(±10,±15,±20,±30 and ±40 ppm available)
• Operating Temperature to –40°C to +85°C
• Tape & Reel Packaging, EIA-481-2 Compliant
• RoHS/Green Compliant (6/6)
ORDERING INFORMATION
Example Part Numbers:
403C35A14M31818
403I35A32M00000
C = -20°C to +70°C (standard)
I = -40°C to +85°C
FREQUENCY TOLERANCE @ 25°C
1 = ± 10 ppm
X = ± 15 ppm
2 = ± 20 ppm
3 = ± 30 ppm (standard)
1 = ± 10 ppm **
X = ± 15 ppm
2 = ± 20 ppm
OPERATING TEMPERATURE RANGE
403
M
M - indicates MHz and decimal point.
Frequency is recorded with minimum 5
significant digits to the right of the "M".
FREQUENCY IN MHz
A = 10 pF
B = 13 pF
C = 16 pF
D = 18 pF
E = 20 pF
F = 24 pF
G = 30 pF
H = 32 pF
J = 9 pF
K = 8 pF
L = 12 pF
S = Series
LOAD CAPACITANCE
Use form C052 to detail non-standard parameters.
Not all performance combinations and frequencies may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
STABILITY TOLERANCE
Over Operating Temperature Range
(Referenced to 25°C Reading)
3 = ± 30 ppm
4 = ± 40 ppm
5 = ± 50 ppm (standard)
** Limited to Standard Operating Temperature Range Only;
Code C.
DESCRIPTION
The Model 403 is a ceramic packaged Crystal
offering reduced size, ideal for high-density
circuit board applications. The Model 403 offers
reliable precision and excellent shock
performance in wireless telecommunication
devices.


Similar Part No. - 403C22DM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
Surface Mount Quartz Crystal
logo
International Rectifier
403CMQ IRF-403CMQ Datasheet
126Kb / 5P
SCHOTTKY RECTIFIER
logo
Sensitron
403CMQ SENSITRON-403CMQ Datasheet
185Kb / 4P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403CMQ SMC-403CMQ Datasheet
224Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
logo
SMC Diode Solutions Co....
403CMQ SMCDIODE-403CMQ Datasheet
343Kb / 5P
SCHOTTKY RECTIFIER
Rev F
More results

Similar Description - 403C22DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
Surface Mount Quartz Crystal
logo
CTS Corporation
405 CTS-405 Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
425 CTS-425 Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
Surface Mount Quartz Crystal
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
Surface Mount Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com