Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF81 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF81
Description  REF81 Temperature Controlled Precision Voltage Reference with 0.05ppm/°C Temperature Drift and < 1ppm Stability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF81 Datasheet(HTML) 2 Page - Texas Instruments

  REF81 Datasheet HTML 1Page - Texas Instruments REF81 Datasheet HTML 2Page - Texas Instruments REF81 Datasheet HTML 3Page - Texas Instruments REF81 Datasheet HTML 4Page - Texas Instruments REF81 Datasheet HTML 5Page - Texas Instruments REF81 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device and Documentation Support..............................2
4.1 Documentation Support.............................................. 2
4.2 Receiving Notification of Documentation Updates......2
4.3 Support Resources..................................................... 2
4.4 Trademarks.................................................................2
4.5 Electrostatic Discharge Caution..................................2
4.6 Glossary......................................................................2
5 Revision History.............................................................. 2
6 Mechanical, Packaging, and Orderable Information.... 3
4 Device and Documentation Support
4.1 Documentation Support
4.1.1 Related Documentation
For related documentation see the following:
• Texas Instruments, SNAA320 Voltage Reference Design Tips For Data Converters, application note.
• Texas Instruments, SLPY003 Voltage Reference Selection Basics, marketing white paper.
4.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
4.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
4.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
4.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
4.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (July 2025) to Revision A (July 2026)
Page
• Changed the status of the datasheet from Advanced Information to: Production Data .....................................1
REF81
SLVSJJ3A – JULY 2025 – REVISED JULY 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF81



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com