Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCD16-47BRL Datasheet(PDF) 2 Page - STMicroelectronics

Part # RCD16-47BRL
Description  RCD NETWORK FOR BUS TERMINATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RCD16-47BRL Datasheet(HTML) 2 Page - STMicroelectronics

  RCD16-47BRL Datasheet HTML 1Page - STMicroelectronics RCD16-47BRL Datasheet HTML 2Page - STMicroelectronics RCD16-47BRL Datasheet HTML 3Page - STMicroelectronics RCD16-47BRL Datasheet HTML 4Page - STMicroelectronics RCD16-47BRL Datasheet HTML 5Page - STMicroelectronics RCD16-47BRL Datasheet HTML 6Page - STMicroelectronics RCD16-47BRL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
With the increasing speed of data transmission (PC, TV, ...), engineersare naturally confrontedwith effects
that were of less significance with slower circuits. Among these are the effects described in transmission
line theory : line reflections provide signal distortions and the overshoots or undershoots produced on the
signal edges can finally cause the malfunction of the whole system.
1. Reflection at a non terminated line
The figure below shows the circuit of a transmission system in which a memory device (input impedance of
100 k
Ω) is connectedat the end of a line with line impedance Zo.
APPLICATION NOTE : BUS TERMINATION
10
Ω
100 k
Ω
If this line is not properly terminated, a certain amount of the energy is reflected back, inducing a reflection
phenomena that can distort the signal. This can result in improper operation of the system.
The simulation shown on the above figure illustrates the signal distortion produced by line reflection at the
end of the line which is not well terminated.
Even if the signal at the start of the line has the correct form (upper curve), considerable distortion arises at
the end of the line (lower curve). On the positive edge, the overshoot can exceed the maximum operating
voltage of the used circuit technology which will then be destroyed. Also, the following negativeundershoot
may reach a level low enough to change the value of the logic state. If it affects of an address line, a wrong
memory cell will be addressed, and in the case of a data line, the data can be corrupted.
This phenomena also occurs on the falling edge.
To avoid these negative effects from leading to problems in a system, a suitable termination is
required.
RCD16-47B
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com