Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2000AFI Datasheet(PDF) 2 Page - STMicroelectronics

Part # S2000AFI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2000AFI Datasheet(HTML) 2 Page - STMicroelectronics

  S2000AFI Datasheet HTML 1Page - STMicroelectronics S2000AFI Datasheet HTML 2Page - STMicroelectronics S2000AFI Datasheet HTML 3Page - STMicroelectronics S2000AFI Datasheet HTML 4Page - STMicroelectronics S2000AFI Datasheet HTML 5Page - STMicroelectronics S2000AFI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
2.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collect or Cut-off
Current (VBE =0)
VCE =1500 V
TC =125
oC
VCE =1500 V
1
2
mA
mA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =5 V
100
µA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
(IB =0)
IC = 100 mA
700
V
VEBO
Emitt er Base Voltage
(IC =0)
IE =10 mA
10
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =4. 5 A
IB =2 A
1
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =4.5 A
IB =2 A
1.3
V
ts
tf
INDUCTIVE LOAD
St orage Time
Fall T ime
IC =4. 5 A
hFE =2.5
VCC =140 V
LC =0. 9 mH
LB =3
µH
7
0. 55
µs
µs
fT
Transit ion F requency
IC =0. 1 A
VCE =5 V
f =5 MHz
7
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area.
Thermal Impedance
S2000AFI
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com