Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV02497 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02497
Description  Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02497 Datasheet(HTML) 1 Page - Pro-Signal

  AV02497 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
01/10/12
Lead
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part number Table
Description
Part Number
Lead, 3 × Phono to 3 × Phono, 2M
AV02497
Dimensions: Millimetres
Specifications:
Connector Type A
: 3 × Phono Plugs
Connector Type B
: 3 × Phono Plugs
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 6.56ft
Cable Length - Metric
: 2m
Jacket Colour
: Black
Colour
: Yellow / Red / White


Similar Part No. - AV02497

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02498 PROSIGNAL-AV02498 Datasheet
235Kb / 1P
Lead
V1.0 01/10/12
AV02499 PROSIGNAL-AV02499 Datasheet
105Kb / 1P
Lead 21 Pin to 21 Pin Scart Plug
14/09/12 V1.0
More results

Similar Description - AV02497

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Microsemi Corporation
14KESD50-1 MICROSEMI-14KESD50-1 Datasheet
109Kb / 2P
AXIAL LEAD
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Illinois Capacitor, Inc...
105TMA100M ILLINOISCAPACITOR-105TMA100M Datasheet
113Kb / 1P
AXIAL LEAD
105TMA200M ILLINOISCAPACITOR-105TMA200M Datasheet
112Kb / 1P
AXIAL LEAD
105TMA350M ILLINOISCAPACITOR-105TMA350M Datasheet
113Kb / 1P
AXIAL LEAD
105TTA350M ILLINOISCAPACITOR-105TTA350M Datasheet
118Kb / 1P
AXIAL LEAD
225TMA050M ILLINOISCAPACITOR-225TMA050M Datasheet
113Kb / 1P
AXIAL LEAD
225TMA100M ILLINOISCAPACITOR-225TMA100M Datasheet
114Kb / 1P
AXIAL LEAD
225TTA050M ILLINOISCAPACITOR-225TTA050M Datasheet
127Kb / 1P
AXIAL LEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com