Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV02501 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02501
Description  Lead 21 - 21 Pin Scart Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02501 Datasheet(HTML) 1 Page - Pro-Signal

  AV02501 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/09/12
Lead
21 - 21 Pin Scart Plug
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, Scart Plug to Plug, 7M
AV02501
Part Number Table
Dimensions : Millimetres
Specifications:
Connector Type A
: SCART Plug
Connector Type B
: SCART Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 22.97ft
Cable Length - Metric
: 7m
Jacket Colour
: Black


Similar Part No. - AV02501

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02502 PROSIGNAL-AV02502 Datasheet
104Kb / 1P
Lead 21 Pin to 21 Pin Scart Plug
14/09/12 V1.0
logo
Schneider Electric
AV025046CV5F1N SCHNEIDER-AV025046CV5F1N Datasheet
85Kb / 2P
VarSet Automatic Standard - Lugs (6000s) 0250 kVar, 480 V - Top - NEMA 1
logo
Pro-Signal
AV02509 PROSIGNAL-AV02509 Datasheet
214Kb / 1P
Lead 21 Pin Scart Plug Switch to 3 × RCA Plugs
12/09/12 V1.0
More results

Similar Description - AV02501

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
210-350-0001G WINCHESTER-210-350-0001G Datasheet
68Kb / 1P
RDM 21 Series Plug
210-351-0001G WINCHESTER-210-351-0001G Datasheet
65Kb / 1P
RDM 21 Series Plug
logo
PHOENIX CONTACT
2823308 PHOENIX-2823308 Datasheet
131Kb / 5P
ST-REL4-KG 24/21-21
2892533 PHOENIX-2892533 Datasheet
111Kb / 5P
ST-REL7-KG120/21-21
2960698 PHOENIX-2960698 Datasheet
103Kb / 3P
REL-KSR-G 24/21-21
2961192 PHOENIX-2961192 Datasheet
215Kb / 6P
REL-MR- 24DC/21-21
2961202 PHOENIX-2961202 Datasheet
218Kb / 6P
REL-MR-110DC/21-21
2961257 PHOENIX-2961257 Datasheet
214Kb / 6P
REL-MR- 12DC/21-21
2961435 PHOENIX-2961435 Datasheet
215Kb / 6P
REL-MR- 24AC/21-21
2961448 PHOENIX-2961448 Datasheet
215Kb / 6P
REL-MR-120AC/21-21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com