Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV02509 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02509
Description  Lead 21 Pin Scart Plug Switch to 3 × RCA Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02509 Datasheet(HTML) 1 Page - Pro-Signal

  AV02509 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/09/12
Lead
21 Pin Scart Plug + Switch to 3
× RCA Plugs
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, Scart to 3 × Phono + Switch, 3M
AV02509
Part Number Table
Dimensions : Millimetres
Specifications:
Connector Type A
: SCART Plug
Connector Type B
: 3 × Phono Plugs
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 9.84ft
Cable Length - Metric
: 3m
Jacket Colour
: Black


Similar Part No. - AV02509

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02501 PROSIGNAL-AV02501 Datasheet
493Kb / 1P
Lead 21 - 21 Pin Scart Plug
12/09/12 V1.0
AV02502 PROSIGNAL-AV02502 Datasheet
104Kb / 1P
Lead 21 Pin to 21 Pin Scart Plug
14/09/12 V1.0
logo
Schneider Electric
AV025046CV5F1N SCHNEIDER-AV025046CV5F1N Datasheet
85Kb / 2P
VarSet Automatic Standard - Lugs (6000s) 0250 kVar, 480 V - Top - NEMA 1
More results

Similar Description - AV02509

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
AV SCART Switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
AV SCART switch
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Assmann Electronics Inc...
AK-AV206-R ASSMANN-AK-AV206-R Datasheet
86Kb / 1P
RCA 2 Plug to RCA 2 Jack Cable
logo
Switchcraft, Inc.
RCA-TS-CD-1021002 SWITCH-RCA-TS-CD-1021002 Datasheet
309Kb / 2P
RCA PLUG TO TS PLUG, RoHS
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA05RCAB SWITCH-RCA05RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com