Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDM8760F-RX Datasheet(PDF) 1 Page - Pro-Signal

Part # BDM8760F-RX
Description  Internal Sounder Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

BDM8760F-RX Datasheet(HTML) 1 Page - Pro-Signal

  BDM8760F-RX Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
22/09/20
Internal Sounder
Speaker
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Specifications
Max. Power
: 12W
Frequency Range
: 5kHz
Material
: Mylar
Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Size (mm)
Part Number
Speaker, Mylar Cone, 8Ω, Square
87 × 87 × 35 BDM8760F-RX


Similar Part No. - BDM8760F-RX

ManufacturerPart #DatasheetDescription
logo
AUER Signal GmbH
BDM AUERSIGNAL-BDM Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
logo
Schneider Electric
BDM16015 SCHNEIDER-BDM16015 Datasheet
91Kb / 2P
PowerPact B Circuit Breaker, 15A, 1P, 347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020
BDM16020 SCHNEIDER-BDM16020 Datasheet
91Kb / 2P
PowerPact B Circuit Breaker, 20A, 1P, 347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020
BDM16025 SCHNEIDER-BDM16025 Datasheet
91Kb / 2P
PowerPact B Circuit Breaker, 25A, 1P, 347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020
BDM16030 SCHNEIDER-BDM16030 Datasheet
91Kb / 2P
PowerPact B Circuit Breaker, 30A, 1P, 347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020
More results

Similar Description - BDM8760F-RX

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
Sounder Bases
logo
Gamewell-FCI by Honeywe...
B200SR GAMEWELL-FCI-B200SR Datasheet
48Kb / 1P
Sensor Sounder Base
B200SR-LF GAMEWELL-FCI-B200SR-LF Datasheet
253Kb / 1P
Backwards-Compatible Sounder Base
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA1-PKLCS1212E2000-R1_V01 Datasheet
420Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKLCS1212E4001-R1 MURATA1-PKLCS1212E4001-R1_V01 Datasheet
411Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKLCS1212E40A1-R1 MURATA1-PKLCS1212E40A1-R1_V01 Datasheet
413Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKM22EPH2001 MURATA1-PKM22EPH2001_V01 Datasheet
342Kb / 8P
Specification of Piezoelectric Sounder
December 27, 2017
PKM22EPH2002 MURATA1-PKM22EPH2002_V01 Datasheet
342Kb / 8P
Specification of Piezoelectric Sounder
December 28, 2017
PKM22EPH2003 MURATA1-PKM22EPH2003_V01 Datasheet
342Kb / 8P
Specification of Piezoelectric Sounder
December 28, 2017
PKM22EPPH2001-B0 MURATA1-PKM22EPPH2001-B0_V01 Datasheet
346Kb / 8P
Specification of Piezoelectric Sounder
January 22, 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com