Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAC250018 Datasheet(PDF) 1 Page - Pro-Signal

Part # CAC250018
Description  Type A Plug to Type A Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

CAC250018 Datasheet(HTML) 1 Page - Pro-Signal

  CAC250018 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
11/10/22
Type A Plug to Type A Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Specifications
Connector to Connector
: Type A Plug to Type A Plug
USB Standard
: USB 3.0
Contact Resistance
: 2Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min.
Cable Length
: 1m (3.28ft)
Jacket Colour
: Blue
No
Description
Qty. Unit
1
UL 20275 USB 3.0 Cable (28AWG×1P+EAM)×2+28AWG×1
P+28AWG×2C+ADB OD:5.5±0.2mm 65% AL Colour: Blue
1
m
2
USB 3.0 A (M) 9P Connector
2
PCs
3
USB 3.0 A (M) Tin plate
4
USB 3.0 A (M) Tin plate
5
USB 3.0 AM Tee Connector
6
45P Blue PVC
18
g
Diagram
Part Number Table
Description
Part Number
Type A Plug to Type A Plug, Blue, 1m
CAC250018
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
1000


Similar Part No. - CAC250018

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
CAC250019 PROSIGNAL-CAC250019 Datasheet
224Kb / 1P
USB 3.0 AM to AM Cable
V1.0 10/11/21
More results

Similar Description - CAC250018

ManufacturerPart #DatasheetDescription
logo
FCI connector
10034524 FCI-CONNECTOR-10034524 Datasheet
245Kb / 3P
SAS PLUG R/A TYPE ASSY
logo
Yamaichi Electronics Co...
USB-A-P01 YAMAICHI-USB-A-P01 Datasheet
59Kb / 1P
Universal Serial Bus, Type A - Plug
USB-APOWER-001-01 YAMAICHI-USB-APOWER-001-01 Datasheet
118Kb / 2P
USB , Type A with Power Receptacle / Plug
logo
Amphenol Corporation
GSB316431CEU AMPHENOL-GSB316431CEU Datasheet
94Kb / 1P
USB 3.0 CONNECTOR STANDARD A TYPE, PLUG R/A SMT
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
logo
VITALCONN ELECTRONICS H...
HAM10AXLB01 VITALCONN-HAM10AXLB01 Datasheet
168Kb / 1P
HDMI A TYPE PLUG
HSM10AXLB01 VITALCONN-HSM10AXLB01 Datasheet
167Kb / 1P
HDMI A/M TYPE PLUG
logo
Amphenol Communications...
P-DRPC5-XXXX-XXXX AMPHENOLCS-P-DRPC5-XXXX-XXXX Datasheet
501Kb / 2P
INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG TYPE A IX PLUG (ASSEMBLY TYPE)-RoHS COMPLIANT
Rev. A
logo
Molex Electronics Ltd.
847271001 MOLEX-847271001 Datasheet
116Kb / 1P
PLUG, USB TYPE-A, SHIELDED, PIGTAIL CIC
10/05/04
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com