Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAC250035 Datasheet(PDF) 1 Page - Pro-Signal

Part # CAC250035
Description  USB 3.0 AM to AF Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

CAC250035 Datasheet(HTML) 1 Page - Pro-Signal

  CAC250035 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
11/11/21
USB 3.0 AM to AF Cables
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
No
Description
Qty. Unit
1
[28AWG×(7/0.127TC)+EAM]×2P+[28AWG×(7/0.127TC)+A]×1P+28AWG(7/0.127
TC)×2C+AEB(16/5/0.12AL 65%) OD:5.5mm Grey PVC Mark E342987 AWM style
2725 80°C 30V VW-1; Super High speed USB Revision 3.0
-
m
2
USB 3.0 A(M) 9P Blue insulation Pin plated gold 5µ″
2
Pcs
3
USB 3.0 A(M) Shell plated nickel after
4
USB 3.0 A(M) Shell plated nickel before
5
PVC 45P Grey
18
g
6
USB 3.0 A(M) Clip
2
Pcs
7
USB 3.0 A(F) 9P Blue insulation Pin Plated gold
1
8
Transparent PE
3
g
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
L ±T
Part Number
USB 3.0, Type A Plug to Type A Receptacle, Grey
1000 ±20mm CAC250035
3000 ±40mm CAC250037
5000 ±60mm CAC250038
Diagram
Specifications
Connector to Connector
: Type A Plug to Type A Receptacle
USB Standard
: USB 3.0
Contact Resistance
: 3Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min.
Jacket Colour
: Black


Similar Part No. - CAC250035

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
CAC250039 PROSIGNAL-CAC250039 Datasheet
216Kb / 1P
USB 3.0 AM to AM Cable
V1.0 11/11/21
More results

Similar Description - CAC250035

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9260_101 TI-TUSB9260_101 Datasheet
181Kb / 21P
USB 3.0 TO SATA BRIDGE
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R_10 Datasheet
557Kb / 26P
TTL TO USB SERIAL CONVERTER RANGE OF CABLES
logo
Texas Instruments
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
TUSB9261-Q1 TI1-TUSB9261-Q1 Datasheet
934Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
Future Technology Devic...
FT600Q-B-T FTDI-FT600Q-B-T Datasheet
1Mb / 33P
USB 3.0 to FIFO Bridge
logo
Leopard Imaging Inc.
LI-OV5640-USB-AF LEOPARD-LI-OV5640-USB-AF Datasheet
365Kb / 2P
5M USB AF Camera
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
USB 3.0
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R_V01 Datasheet
561Kb / 26P
TTL to USB Serial Converter Range of Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com