Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAC250041 Datasheet(PDF) 1 Page - Pro-Signal

Part # CAC250041
Description  USB 3.0 AM to AM Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

CAC250041 Datasheet(HTML) 1 Page - Pro-Signal

  CAC250041 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
11/11/21
USB 3.0 AM to AM Cable
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
No
Description
Qty. Unit
1
[28AWG×(7/0.127TC)+EAM]×2P+[28AWG×(7/0.127TC)+A]×1P+28AWG(7/0.127
TC)×2C+AEB(16/5/0.12AL 65%) OD:5.5mm Black PVC Mark E342987 AWM style
2725 80°C 30V VW-1; Super High speed USB Revision 3.0
-
m
2
USB 3.0 A(M) 9P Blue insulation Pin plated gold 5µ″
2
Pcs
3
USB 3.0 A(M) Shell plated nickel after
4
USB 3.0 A(M) Shell plated nickel before
5
PVC 45P Black
18
g
6
USB 3.0 A(M) Clip
2
Pcs
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
L ±T
Part Number
USB 3.0 AM to AM Cable, Black
1000 ±20mm CAC250039
1800 ±30mm CAC250040
3000 ±40mm CAC250041
Diagram
Specifications
USB Standard
: USB 3.0
Contact Resistance
: 3Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min.
Jacket Colour
: Black


Similar Part No. - CAC250041

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
CAC250043 PROSIGNAL-CAC250043 Datasheet
237Kb / 1P
Type A Plug to Type A Receptacle
V1.0 11/10/22
CAC250043 PROSIGNAL-CAC250043 Datasheet
230Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
CAC250043. PROSIGNAL-CAC250043. Datasheet
230Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
CAC250043 PROSIGNAL-CAC250043_V01 Datasheet
230Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
CAC250044 PROSIGNAL-CAC250044 Datasheet
230Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
More results

Similar Description - CAC250041

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1563 NTE-NTE1563 Datasheet
19Kb / 2P
Integrared Circuit AM Tuner, AM/FM IF Amp
logo
Panasonic Semiconductor
AN7273 PANASONIC-AN7273 Datasheet
81Kb / 5P
AM Tuner, FM/AM IF Amplifier Circuit
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
AM receiver
May 1992
logo
Panasonic Semiconductor
AN7220 PANASONIC-AN7220 Datasheet
246Kb / 4P
AM TUNER, FM-AM IFAMPLIFIER CIRCUIT
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
FM / AM
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
AM Tuner, FM-AM IF Amplifier
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
AM - RECEIVER
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
FM/AM
logo
Panasonic Semiconductor
AN7218 PANASONIC-AN7218 Datasheet
328Kb / 4P
AM Tuner, FM-AM IF Amplifier Circuit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com