Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAC250046 Datasheet(PDF) 1 Page - Pro-Signal

Part # CAC250046
Description  Type A Plug to Micro Type B Plug Lead, USB 3.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

CAC250046 Datasheet(HTML) 1 Page - Pro-Signal

  CAC250046 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
12/11/21
Type A Plug to Micro Type B Plug
Lead, USB 3.0
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
L ±T
Part Number
Lead, USB 3.0 Type A Plug to Micro Type B Plug,
Black
1000 ±20mm CAC250046
1800 ±30mm CAC250047
Specifications
Connector to Connector
: Type A Plug to Micro Type B Plug
USB Standard
: USB 3.0
Contact Resistance
: 3Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min.
Jacket Colour
: Black
Diagram
No
Description
Qty. Unit
1
[28AWG×(7/0.127TC)+EAM]×2P+[28AWG×(7/0.127TC)+A]×1P+28AWG(7/0.127
TC)×2C+AEB(16/5/0.12AL 65%) OD:5.5mm Blue PVC Mark E342987 AWM style
2725 80°C 30V VW-1; Super High speed USB Revision 3.0
-
m
2
USB 3.0 A(M) 9P Blue insulation Pin plated gold 5µ″
1
Pc
3
USB 3.0 A(M) Shell plated nickel after
4
USB 3.0 A(M) Shell plated nickel before
5
PVC 45P Black
18
g
6
USB 3.0 A(M) Clip
1
Pc
7
USB 3.0 micro B(M) 9P Blue insulation Pin plated gold
8
USB 3.0 micro B(M) Shell plated nickel after
9
USB 3.0 micro B(M) Shell plated nickel before
10
USB 3.0 micro B(M) Clip


Similar Part No. - CAC250046

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
CAC250040 PROSIGNAL-CAC250040 Datasheet
216Kb / 1P
USB 3.0 AM to AM Cable
V1.0 11/11/21
CAC250041 PROSIGNAL-CAC250041 Datasheet
216Kb / 1P
USB 3.0 AM to AM Cable
V1.0 11/11/21
CAC250043 PROSIGNAL-CAC250043 Datasheet
237Kb / 1P
Type A Plug to Type A Receptacle
V1.0 11/10/22
CAC250043 PROSIGNAL-CAC250043 Datasheet
230Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
CAC250043. PROSIGNAL-CAC250043. Datasheet
230Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
More results

Similar Description - CAC250046

ManufacturerPart #DatasheetDescription
logo
FCI connector
10104109 FCI-CONNECTOR-10104109 Datasheet
174Kb / 1P
MICRO-USB B-TYPE PLUG
logo
Amphenol Corporation
GSB327133WEU AMPHENOL-GSB327133WEU Datasheet
208Kb / 2P
USB 3.0 B TYPE PLUG, CABLE MOUNT
logo
Wurth Elektronik GmbH &...
692904100000 WURTH-692904100000 Datasheet
386Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
logo
CONEC Elektronische Bau...
17-250031 CONEC-17-250031 Datasheet
292Kb / 1P
USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
logo
Tyco Electronics
1939054 MACOM-1939054 Datasheet
212Kb / 3P
MICRO USB I/O PLUG TYPE B KIT
logo
Adam Technologies, Inc.
MCR-B-MPLUG-01 ADAM-TECH-MCR-B-MPLUG-01 Datasheet
82Kb / 1P
MICRO USB 3.0 B TYPE
MCR-B-MPLUG-02 ADAM-TECH-MCR-B-MPLUG-02 Datasheet
82Kb / 1P
MICRO USB 3.0 B TYPE
MCR-B-MPLUG-03 ADAM-TECH-MCR-B-MPLUG-03 Datasheet
96Kb / 1P
MICRO USB 3.0 B TYPE
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
E8199-070-01 PULSE-E8199-070-01 Datasheet
109Kb / 1P
USB 3.0 B TYPE PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com