Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDL-150/WS Datasheet(PDF) 1 Page - Pro-Signal

Part # EDL-150/WS
Description  Ceiling Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

EDL-150/WS Datasheet(HTML) 1 Page - Pro-Signal

  EDL-150/WS Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
30/11/12
Ceiling Speaker
Features:
• 100V line technique via audio transformer with 5 power taps
• Full range speaker with dual cone
• White, fixed metal grille
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Speaker, Ceiling, 100V, 150mm
EDL-150/WS
Part Number Table
Specifications:
Transformer Power Tappings : 10W, 5W, 2.5W, 1.25W and 0.65W
Frequency Response
: 100Hz to 12kHz
External Length / Height
: 67mm
External Width
: 145mm
External Depth
: 75mm
External Diameter
: 150mm
Impedance
: 1,000Ω
Panel Cutout Diameter
: 120mm
Power Rating
: 300W
Sound Level SPL
: 91dB
Supply Voltage
: 35V AC
Dimensions : Millimetres


Similar Part No. - EDL-150/WS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
Ultra High Capacitance, Small Case Size Options
logo
LEMO Connectors
EDL.3K.305.CYB LEMO-EDL.3K.305.CYB Datasheet
93Kb / 4P
K - Outdoor keyed
logo
Elpida Memory
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
128M bits Mobile RAM
EDL1216AASA-75-E ELPIDA-EDL1216AASA-75-E Datasheet
479Kb / 59P
128M bits Mobile RAM
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
128M bits Mobile RAM
More results

Similar Description - EDL-150/WS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600-00005-02 ETC1-600-00005-02 Datasheet
380Kb / 4P
CEILING SPEAKER DESIGN (CNSRD)
logo
Systemsensor advanced i...
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
Ceiling-Mount Speaker/Strobes
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com