Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-AX Datasheet(PDF) 1 Page - Pro-Signal

Part # F-AX
Description  Patch Cord, RJ45 Plug to Jack Cat5e
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

F-AX Datasheet(HTML) 1 Page - Pro-Signal

  F-AX Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
25/03/21
Patch Cord, RJ45 Plug to Jack
Cat5e
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Specifications
Connector to Connector
: RJ45 Plug to RJ45 Jack
LAN Category
: Cat5e
Cable Length
: 150mm (5.91″)
No.
Part Name
Material
Specification
Qty.
1
Plug
PC
8P8C 6µ” Gold
1
2
Cable
PVC
CAT: 5eUTP 24AWG
(7×0.2) W4
1
3
Housing
ABS
Yellow (BN:HM)
1
4
641
Jack
Insert
ABS
8P Yellow (BN:HM)
1
Contact Pin
CU
PD/20µ″
8
Housing
ABS
8P Yellow (BN:HM)
1
5
2121
Cu
-
8
6
SR
PVC
60PA Yellow (BN:W4)
2
7
Label
-
-
-
Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Patch Cord, RJ45 Plug to Jack, Cat5e, Yellow, 150mm
F-AX


Similar Part No. - F-AX

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
F-ACX PROSIGNAL-F-ACX Datasheet
46Kb / 1P
Cat5E Crossover Couplers/Adaptors
More results

Similar Description - F-AX

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6331 POMONA-6331 Datasheet
24Kb / 1P
Patch Cord Dual Bantam Plug To Dual Bantam Plug
logo
Assmann Electronics Inc...
A-RJ45GFS-R ASSMANN-A-RJ45GFS-R Datasheet
346Kb / 1P
RJ45 SHIELDED CAT5E JACK
logo
Virginia Panel Corporat...
7-105870595-036 VPC-7-105870595-036 Datasheet
90Kb / 1P
Signal Patchcord, ITA, TriPaddle, 36", CAT5e, to RJ45 Plug
7-105870595-072 VPC-7-105870595-072 Datasheet
90Kb / 1P
Signal Patchcord, ITA, TriPaddle, 72", CAT5e, to RJ45 Plug,
7-106870595-072 VPC-7-106870595-072 Datasheet
89Kb / 1P
Signal Patchcord, Receiver, TriPaddle, 72", CAT5e, to RJ45 Plug
7-123870595-036 VPC-7-123870595-036 Datasheet
90Kb / 1P
Signal Patchcord, ITA, QuadraPaddle, 36", CAT5e, to RJ45 Plug
logo
PHOENIX CONTACT
2891165 PHOENIX-2891165 Datasheet
88Kb / 4P
Patch field with two RJ45 CAT5e network connections
2891178 PHOENIX-2891178 Datasheet
87Kb / 4P
Patch field with eight RJ45 CAT5e network connections
logo
Belden Inc.
RV5IJ2UBK-B24 BELDEN-RV5IJ2UBK-B24 Datasheet
270Kb / 2P
DataTuff Industrial REVConnect RJ45 Jack CAT5E UTP
logo
Bel Fuse Inc.
CT999267 BEL-CT999267 Datasheet
301Kb / 1P
CATSE RJ45 PLUG TO CATSE RJ45 PLUG COIL CORD
Rev. A1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com