Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM8 Datasheet(PDF) 1 Page - Pro-Signal

Part # FM8
Description  Ceiling Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

FM8 Datasheet(HTML) 1 Page - Pro-Signal

  FM8 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
04/12/12
Ceiling Speaker
Features:
• Hi-fiqualityceilingspeakerdesignedtooffersignificantly
improvedperformanceoverstandardunits
• Theunitemploysatwincone8inchesdrivercapable
ofextendedfrequencyresponseandisidealfor
applicationswherehighqualitymusicisrequiredaswell
aspaging
• Simpleinstallationwithoutanyadditionalhardware
• Excellentbassresponse
• Simplefitmechanism
• Steelconstruction
• Powercoatfinishinwhite
Specifications:
PowerRating
:10W
Input
:100V
Tappings
:10,5,2.5W
FrequencyResponse
:70Hzto20kHz
SPL(1W/1M)
:92dB
Cut-out
:230mm
Dimensions(diameter×D)
:270mm×127mm
ExternalDepth
:80mm
Important Notice :Thisdatasheetanditscontents(the“Information”)belongtothemembersofthePremierFarnellgroupofcompanies(the“Group”)orarelicensedtoit.Nolicenceisgranted
fortheuseofitotherthanforinformationpurposesinconnectionwiththeproductstowhichitrelates.Nolicenceofanyintellectualpropertyrightsisgranted.TheInformationissubjecttochange
withoutnoticeandreplacesalldatasheetspreviouslysupplied.TheInformationsuppliedisbelievedtobeaccuratebuttheGroupassumesnoresponsibilityforitsaccuracyorcompleteness,any
errorinoromissionfromitorforanyusemadeofit.UsersofthisdatasheetshouldcheckforthemselvestheInformationandthesuitabilityoftheproductsfortheirpurposeandnotmakeany
assumptionsbasedoninformationincludedoromitted.LiabilityforlossordamageresultingfromanyrelianceontheInformationoruseofit(includingliabilityresultingfromnegligenceorwherethe
Groupwasawareofthepossibilityofsuchlossordamagearising)isexcluded.ThiswillnotoperatetolimitorrestricttheGroup’sliabilityfordeathorpersonalinjuryresultingfromitsnegligence.
pro-SIGNAListheregisteredtrademarkoftheGroup.©PremierFarnellplc2012.
Part Number Table
Description
Part Number
Speaker,Ceiling,8”
FM8/HIFI


Similar Part No. - FM8

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FM8 JAE-FM8 Datasheet
110Kb / 4P
Compatible with FFCs with and without ground.
logo
SHENZHEN FUMAN ELECTRON...
FM8002A FUMAN-FM8002A Datasheet
324Kb / 6P
2W audio power amplifier IC
FM8002E FUMAN-FM8002E Datasheet
324Kb / 6P
2W audio power amplifier IC
FM80057 FUMAN-FM80057 Datasheet
271Kb / 4P
One-button Christmas Light String Control IC
FM8015 FUMAN-FM8015 Datasheet
185Kb / 2P
(with blowing smoke lock) electronic cigarette IC
More results

Similar Description - FM8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600-00005-02 ETC1-600-00005-02 Datasheet
380Kb / 4P
CEILING SPEAKER DESIGN (CNSRD)
logo
Systemsensor advanced i...
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
Ceiling-Mount Speaker/Strobes
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com