Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP003 Datasheet(PDF) 1 Page - Pro-Signal

Part # FP003
Description  Face Plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

FP003 Datasheet(HTML) 1 Page - Pro-Signal

  FP003 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
25/02/13
Face Plate
Description:
A range of thermoplastic and coated steel cable reels for storing lead assemblies
and cables. The reels can be customised using the removable face plates and are
especially suitable for mobile, stage, site and outside broadcast applications.
Specifications:
Thermoplastic Types
: A range of empty cable reels with red thermoplastic drums and coated, heavy duty steel stands.
Coated Steel Types
: A range of empty cable reels with zinc powder coated steel flanges and heavy duty steel frames.
Auxiliary Winder
: Replaces the existing face plate and allows a piece of cable to feed through the front plate so that
the reel can be moved further away from the equipment. A hole in the centre allows access to the
drum and when not in use, the cable can be wound onto the flange for storage.
Loaded Face Plates
: Replace the existing face plated and feature 3 × 13A type sockets, 2 × 16A/110V (yellow) or
2 × 16A / 240V (Blue) BS4343 type sockets.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Face Plate, 2 × 16AA / 240V Socket
FP003
Features:
• Adjustable brakes
• Winding handles
• Bow type safety handles
• Removable face plates allowing specific connectors to be mounted
• Cables can be fed through the face plate to a grommeted opening in the cable drum for custom applications
• Blank and loaded face plates available for selected versions


Similar Part No. - FP003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
FP0030 SUTEX-FP0030 Datasheet
842Kb / 5P
Low Voltage Protection Switch
logo
Vishay Siliconix
FP0032 VISHAY-FP0032 Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
Solid States Devices, I...
FP0035 SSDI-FP0035 Datasheet
268Kb / 2P
P-CHANNEL POWER MOSFET
FP0035 SSDI-FP0035_15 Datasheet
268Kb / 2P
P-CHANNEL POWER MOSFET
More results

Similar Description - FP003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E200001 ETC2-E200001 Datasheet
96Kb / 3P
Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
E200002 ETC2-E200002 Datasheet
95Kb / 3P
Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
logo
P-tec Corporation
PDC56A-CXDXXX P-TEC-PDC56A-CXDXXX Datasheet
885Kb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC56C-CXDW01 P-TEC-PDC56C-CXDW01 Datasheet
821Kb / 8P
Gray Face, White Segments or Black Face, White Segments
PDC150 P-TEC-PDC150 Datasheet
1,023Kb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC300-CXDXXX P-TEC-PDC300-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC563-CXMXXX P-TEC-PDC563-CXMXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC30SM-CXDXXX P-TEC-PDC30SM-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
logo
Tripp Lite. All Rights ...
N042-001-04-WH TRIPPLITE-N042-001-04-WH Datasheet
156Kb / 2P
4-Port Quad Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
N042-001-WH TRIPPLITE-N042-001-WH Datasheet
158Kb / 2P
2-Port Dual Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com