Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JR8053-2M Datasheet(PDF) 1 Page - Pro-Signal

Part # JR8053-2M
Description  Mono and Stereo 3.5mm Jack Plug to 2 × Phono Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

JR8053-2M Datasheet(HTML) 1 Page - Pro-Signal

  JR8053-2M Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
19/06/20
Mono and Stereo 3.5mm Jack Plug
to 2
× Phono Plugs
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Mono and stereo connections, with either mono or stereo 3.5mm Jack plug to 2 × Phono plugs.
Specifications
Connector Type A
: 3.5mm Stereo Jack Plug
Connector Type B
: Phono (RCA) Plug, × 2
Jacket Colour
: Black
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
3.5mm Mono Jack Plug, Phono (RCA) Plug × 2, Black, 2m
JR8053-2M
3.5mm Stereo Jack Plug, Phono (RCA) Plug × 2, Black, 2m
JR8052/2M
3.5mm Stereo Jack Plug, Phono (RCA) Plug × 2, Black, 7m
JR8052/7M
3.5mm Stereo Jack Plug, Phono (RCA) Plug × 2, Black, 10m
JR8052/10M
3.5mm Stereo Jack Plug, Phono (RCA) Plug × 2, Black, 15m JR8052/15M-ROHS
3.5mm Stereo Jack Plug, Phono (RCA) Plug × 2, Black, 20m
JR8052/20M
3.5mm Stereo Jack Plug, Phono (RCA) Plug × 2, Black, 25m
JR8052/25M


Similar Part No. - JR8053-2M

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
JR8052-1M MULTICOMP-JR8052-1M Datasheet
148Kb / 1P
Lead 3.5mm S Jack-2 × Phono, 1m
18/01/21
JR8052/1M MULTICOMP-JR8052/1M Datasheet
148Kb / 1P
Lead 3.5mm S Jack-2 × Phono, 1m
18/01/21
More results

Similar Description - JR8053-2M

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-3501 CUI-SP-3501 Datasheet
222Kb / 1P
3.5mm STEREO PLUG
logo
Switchcraft, Inc.
35HDBAU SWITCH-35HDBAU Datasheet
130Kb / 1P
3.5mm STEREO PLUG
logo
CUI INC
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
MJ-3502 CUI-MJ-3502 Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3502N CUI-MJ-3502N Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com