Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JR9502 Datasheet(PDF) 1 Page - Pro-Signal

Part # JR9502
Description  Lead 2 × Phono Plug to Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

JR9502 Datasheet(HTML) 1 Page - Pro-Signal

  JR9502_V01 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
24/12/20
Lead
2
× Phono Plug to Plug
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Digital fully shielded high definition PC-OFC interconnect cable for home theatre and digital stereo Hi-Fi systems
Specifications:
Connector Type A
: 2 × Phono Plugs
Connector Type B
: 2 × Phono Plugs
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 3.28ft
Cable Length - Metric
: 1m
Colour
: Black and Silver
Diagram
“L”
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
“L”
Part Number
Lead, HQ 2 × Phono Plug to Plug
3m
JR9502/3M
5m
JR9502/5M
10m
JR9502/10M


Similar Part No. - JR9502_V01

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
JR9502/1M PROSIGNAL-JR9502/1M Datasheet
362Kb / 1P
Lead 2 × Phono Plug to Plug
V1.0 14/09/12
More results

Similar Description - JR9502_V01

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1442 POMONA-1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
5319 POMONA-5319 Datasheet
18Kb / 1P
Adapter - BNC Female To Phono Plug
5547 POMONA-5547 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
MODEL1442 POMONA-MODEL1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
MODEL5319 POMONA-MODEL5319 Datasheet
18Kb / 1P
Adapter ??BNC Female To Phono Plug
logo
Assmann Electronics Inc...
AK302-2-R ASSMANN-AK302-2-R Datasheet
218Kb / 1P
RCA Cable - Phono Plug/Plug, 2.0M
logo
List of Unclassifed Man...
BU-P5319 ETC2-BU-P5319 Datasheet
192Kb / 1P
Adapter - BNC Female to Phono Plug
logo
Neutrik AG
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
NA2MPMM NEUTRIK-NA2MPMM Datasheet
73Kb / 2P
3 pole XLR male ??RCA / phono plug
logo
REAN
NYS352 REAN-NYS352 Datasheet
219Kb / 3P
Heavy duty phono plug, cable clamp
09.12.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com