Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L76118 Datasheet(PDF) 1 Page - Pro-Signal

Part # L76118
Description  Portable InfoLoopTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

L76118 Datasheet(HTML) 1 Page - Pro-Signal

  L76118 Datasheet HTML 1Page - Pro-Signal L76118 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Contacta Portable InfoLoop™ offers
versatile, desktop assistance for
hearing aid wearers. The single control
unit, constructed in robust ABS plastic,
incorporates microphone, amplifier,
induction loop aerial and rechargeable
battery system.
The Power Supply Unit connects to any
convenient mains outlet to re-charge
the Portable InfoLoop™.
A range of accessories ensures
convenience and flexibility in use.
These include:
External microphone
Carrying cases
SCART connection lead
Wall-mounted charging unit
(See over for full listing and
component specifications)
CI/SfB
(64.38)
March 2004
Uniclass
EPIC
L76118
M11/04
CI/SfB
(64.38)
April 2004
Uniclass
EPIC
L76118
M11/04
Portable InfoLoopTM
SOUND SOLUTIONS
AT WORK
TECHNICAL DATA SHEET
Technical support
Contacta offers comprehensive technical
support for all its systems, including:
Advice via telephone helpline,
fax or email
On-site visit by a Contacta Field
Service Engineer
Detailed installation and service
manuals supplied with every system
Customers have access to
continuous help and support,
technical or administrative, through
the Contacta Helpline.
Contacta Sales
Telephone 0845 3312072
Email
contactasales@contacta.co.uk
Contacta Helpline
Telephone 0845 3312092
Email
contactahelp@contacta.co.uk
www.contacta.co.uk
The microprocessor-controlled Portable
InfoLoop™ features the latest induction
loop technology with automatic gain
control, noise ‘gating’ to improve reception
of speech and automatic standby mode
to conserve battery life
Applications
Contacta Portable InfoLoop™
can be used on a one-to-one basis
or in meeting room locations.
The electro-magnetic field extends
to a maximum of 1.2m.
The unit may be positioned wherever
is most convenient, and may even be
used outdoors.
Operation
If charged, the Portable InfoLoop™ is
ready for immediate use. No installation
works are required. An on/off switch
and visual indicators denoting unit
operation and battery charge state
are mounted on the reverse of the unit.
Full operating instructions are supplied
with the unit.
Supply
Portable InfoLoop™ and all
accessories are available direct from
Contacta Limited.


Similar Part No. - L76118

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L76 QUECTEL-L76 Datasheet
1Mb / 2P
Compact GNSS Module
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
L76-LB QUECTEL-L76-LB Datasheet
1Mb / 2P
Compact GNSS Module
logo
Rhombus Industries Inc.
L764 RHOMBUS-IND-L764 Datasheet
18Kb / 1P
INDUCTOR
01/03/02
logo
Kingbright Corporation
L76761CPWC KINGBRIGHT-L76761CPWC Datasheet
91Kb / 1P
SUPER FLUX LEDS
More results

Similar Description - L76118

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF12 EXTECH-RF12_15 Datasheet
291Kb / 1P
Portable Refractometers
RF16 EXTECH-RF16 Datasheet
291Kb / 1P
Portable Refractometers
RF18 EXTECH-RF18_15 Datasheet
291Kb / 1P
Portable Refractometers
logo
Analog Microelectronics
AME8502 AME-AME8502 Datasheet
600Kb / 20P
Portable Electronics
AME8504 AME-AME8504 Datasheet
363Kb / 17P
Portable Electronics
logo
Analog Intergrations Co...
AN002 AIC-AN002 Datasheet
91Kb / 5P
Portable Applications
logo
Sangdest Microelectroni...
SMP1008-01WTG SMC-SMP1008-01WTG Datasheet
287Kb / 5P
Portable Medical
logo
Microchip Technology
MCP6V71 MICROCHIP-MCP6V71 Datasheet
1Mb / 46P
Portable Instrumentation
07/14/15
MCP6V81 MICROCHIP-MCP6V81 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
logo
NXP Semiconductors
D1875 PHILIPS-D1875 Datasheet
223Kb / 4P
portable radio
03-1987
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com