Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL-PL20 Datasheet(PDF) 2 Page - Pro-Signal

Part # IL-PL20
Description  Portable InfoLoopTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

IL-PL20 Datasheet(HTML) 2 Page - Pro-Signal

  IL-PL20 Datasheet HTML 1Page - Pro-Signal IL-PL20 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
Portable InfoLoop™
P42 Power Supply Unit
Connects to any convenient mains
outlet for 12v DC supply
Physical Data
Height
60mm
Width
50.5mm
Depth
46.5mm
Weight
440 grams
Electrical Data
Output voltage
12vDC (unregulated)
Component specifications
Portable InfoLoop™ comprises
control unit, power supply unit, and
a range of accessories to meet all
application requirements.
PL20 Portable InfoLoop
Incorporates microphone, amplifier,
induction loop aerial and rechargeable
battery system
On/Off switch and dual colour LED
light on reverse
Flashing green light indicates when the
unit is receiving speech or other sound
Red flashing light indicates when the
unit needs recharging
Constant red light is illuminated
during recharging
Physical Data
Height
250mm
Width
275mm
Depth
110mm
Weight
1.6 kilo
Electrical Data
Battery life
Approx. 8 hrs
Microphone
2-wire electret cardoid
Connections
Microphone
3.5mm jack socket
Power
2.1mm DC socket
Controls
Power on
Slide switch
PL23 SCART/Microphone
Adaptor Box and Lead
Plugs directly into InfoLoop™ and
allows 2 no. external input leads to
be used together (PL21/PL22)
Allows hearing aid users to listen to
TV or Hi-Fi independently of the volume
control on the TV set or Hi-Fi unit and
use the other channel to accept a
signal from a microphone that can be
balanced using the control provided
The TV or Hi-Fi can therefore be
listened to whilst monitoring another
area with a microphone
PL22 SCART Connection Lead
For direct connection to a television
Allows hearing aid users to listen
to television independently of the
volume control on the television set
The volume control of the television
can therefore be turned down so
that it does not disturb anyone else
Physical Data
Length
5 metres (overall)
Weight
65 grams
Electrical Data
Type
Pasive audio
Optional accessories
PL21 External Boundary
Microphone
Designed for placing directly onto
the surface of a desk or counter
Supplied with 3 metre lead for
connection to system amplifier
Ideal for discussions involving
numerous people
Physical Data
Length
3 metres O/A
Dims
39 x 16.4mm
Weight
72 grams
Electrical Data
Type
2-wire electret
Impedance
1 k
Sensitivity
-48dB +/- 3dB@1 KHz (0dB = 1 volt per Pa)
Frequency response
50 Hz to 18 Hz pattern half cardioid
S/N ratio
64dB (A)
Max SPL
120dB 1% THD
Power
1 to 9v DC optimum 4.5v
PL26 Charging Station
Ideal storage unit for
Portable InfoLoop™
Portable InfoLoop™ may be left
on shelf, on charge*, ready
for use anytime
Physical Data
Height
206mm
Width
316mm
Depth
152mm
Weight
693 grams
*Once charged, battery maintains a float charge
PL25 Soft Carrying Case
Lightweight, protective case for
Portable InfoLoop™ and power
supply unit
Includes integral shoulder strap
Physical Data
Height
280mm
Width
380mm
Depth
70mm
Weight
314 grams
PL24 Hard Carrying Case
Solid, protective case for Portable
InfoLoop™ and power supply unit
Physical Data
Height
300mm
Width
350mm
Depth
120mm
Weight
887 grams
Physical Data
Length
680mm (overall)
Weight
68 grams
Electrical Data
Type
Passive audio
Other Contacta
InfoLoop™ systems
Contacta offers reliable and cost
effective systems for all situations:
Mini InfoLoop™
For counters, booths, desks
and similar applications
Clipboard InfoLoop™
The “go anywhere” solution for
interviews, home visits and restaurants
Maxi InfoLoop™
A permanent system to suit any
area, from rooms to auditoria
Contacta Limited
11 Tower View, Kings Hill
West Malling, Kent ME19 4UY
Telephone 01732 223900
Facsimile 01732 223909
Web www.contacta.co.uk
FM 36903
Contacta is a government
approved supplier.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com