Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LJA23 Datasheet(PDF) 1 Page - Pro-Signal

Part # LJA23
Description  Adaptor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

LJA23 Datasheet(HTML) 1 Page - Pro-Signal

  LJA23 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
03/12/12
Adaptor
Specifications:
Connector Type A
: RJ45
Connector Type B
: RJ11 Plug
Cable Assembly Type
: Telephone
Jacket Colour
: White
Cable Length
: 150mm
Terminals 1 and 6 are frequently unused, 2 pair (4 wire) cable is normally used in
these installations.
All wiring in parallel, i.e. terminal 1 on master socket to terminal on secondary
socket, terminal 2 to terminal 2, etc.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Adaptor, Secondary, 150mm
LJA23
Wiring Diagram
Terminal 4 is used on a PBX line for “Earth Recall”
Old in-house cable (subscribers cable) can be connected as follows


Similar Part No. - LJA23

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
LJA21 PROSIGNAL-LJA21 Datasheet
24Kb / 1P
RJ45 Plug to BT Sockets
More results

Similar Description - LJA23

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
ADAPTOR
03K107-P00S3 ROSENBERGER-03K107-P00S3 Datasheet
88Kb / 2P
ADAPTOR
03KR107-P0AS3 ROSENBERGER-03KR107-P0AS3 Datasheet
192Kb / 2P
ADAPTOR
05S107-P00S3 ROSENBERGER-05S107-P00S3 Datasheet
85Kb / 2P
ADAPTOR
02KR105-K0AS3 ROSENBERGER-02KR105-K0AS3 Datasheet
53Kb / 2P
ADAPTOR
05K432-K00S3 ROSENBERGER-05K432-K00S3 Datasheet
92Kb / 2P
ADAPTOR
32S156-K00L5 ROSENBERGER-32S156-K00L5 Datasheet
329Kb / 2P
ADAPTOR
59K132-K00L5 ROSENBERGER-59K132-K00L5 Datasheet
39Kb / 2P
ADAPTOR
32K601-K00L5 ROSENBERGER-32K601-K00L5 Datasheet
150Kb / 2P
ADAPTOR
19K101-K00L5-NM ROSENBERGER-19K101-K00L5-NM Datasheet
214Kb / 2P
Adaptor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com