Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS00432 Datasheet(PDF) 1 Page - Pro-Signal

Part # LS00432
Description  Woofer Polydrop Cone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

LS00432 Datasheet(HTML) 1 Page - Pro-Signal

  LS00432 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
30/11/12
Woofer
Polydrop Cone
Features:
• Black clear poly cone woofers
• Value-packed, rugged design and affordable pricing makes these woofers the
perfect replacement, components in today’s audio market
• Carefully matched cone, magnet weight, voice and foam surround offer
outstanding characteristics found on more expansive drivers
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Woofer, Polyprop Cone, 8Ω, 12"
LS00432
Specifications:
Transducer Function
: Woofer
Speaker Size
: 12
RMS
: 75W
Peak
: 100W
Frequency Response
: 28Hz to 4kHz
Impedance
: 8Ω
SPL
: 93dB
Voice Coil
: 1.75
Measurements (A) × (B) × (C)
: 282mm × 305mm × 127mm
fS
: 29Hz
Magnet Weight
: 30oz


Similar Part No. - LS00432

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
LS00433 PROSIGNAL-LS00433 Datasheet
73Kb / 1P
Loudspeakers
LS00434 PROSIGNAL-LS00434 Datasheet
73Kb / 1P
Loudspeakers
LS00435 PROSIGNAL-LS00435 Datasheet
73Kb / 1P
Loudspeakers
LS00436 PROSIGNAL-LS00436 Datasheet
73Kb / 1P
Loudspeakers
More results

Similar Description - LS00432

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
Composite Cone and Ring Style
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
Composite Cone and Ring Style
logo
List of Unclassifed Man...
ABS-205 ETC1-ABS-205 Datasheet
714Kb / 2P
Speaker - Mylar Cone
logo
CUI INC
CVS-1508 CUI-CVS-1508 Datasheet
1Mb / 4P
plastic frame, mylar cone, plastic case
logo
PUI audio inc.
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
Paper cone and rubber surround
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
Paper cone and foam surround
logo
Lapp.
52021259 LAPP-52021259 Datasheet
122Kb / 2P
SKINDICHT® SHV SEALING CONE
25.09.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com