Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS00435 Datasheet(PDF) 1 Page - Pro-Signal

Part # LS00435
Description  Loudspeakers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

LS00435 Datasheet(HTML) 1 Page - Pro-Signal

  LS00435 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Loudspeakers
Part
Number
Diameter
External
Depth
Impedance
Power
Rating
Frequency
Response
Output
Power
Sound
Level
SPL
Min
Max
LS00433
6.5"
75 mm
8 ohm
45 W
40 Hz
7 kHz
60 W
87 dB
LS00434
8"
91 mm
8 ohm
70 W
30 Hz
3.5 kHz
100 W
89 dB
LS00435
10"
125 mm
8 ohm
85 W
30 Hz
4 kHz
150 W
87 dB
LS00436
12"
140 mm
8 ohm
100 W
26 Hz
3 kHz
200 W
91 dB


Similar Part No. - LS00435

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
LS00432 PROSIGNAL-LS00432 Datasheet
169Kb / 1P
Woofer Polydrop Cone
V1.0 30/11/12
More results

Similar Description - LS00435

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7401 STMICROELECTRONICS-TDA7401 Datasheet
68Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Jan-1999
TDA7435 STMICROELECTRONICS-TDA7435 Datasheet
90Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Nov-1996
logo
NTE Electronics
NTE7165 NTE-NTE7165 Datasheet
31Kb / 3P
DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers
logo
List of Unclassifed Man...
4642 ETC2-4642 Datasheet
100Kb / 1P
Loudspeakers and Accessories
QH16T ETC2-QH16T Datasheet
13Mb / 1P
INDIVIDUAL LOUDSPEAKERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com