Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC30 Datasheet(PDF) 6 Page - STMicroelectronics

Part # FC30
Description  MEMS functional sensor:smart 3D orientation and click detection standalone device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC30 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FC30 Datasheet HTML 2Page - STMicroelectronics FC30 Datasheet HTML 3Page - STMicroelectronics FC30 Datasheet HTML 4Page - STMicroelectronics FC30 Datasheet HTML 5Page - STMicroelectronics FC30 Datasheet HTML 6Page - STMicroelectronics FC30 Datasheet HTML 7Page - STMicroelectronics FC30 Datasheet HTML 8Page - STMicroelectronics FC30 Datasheet HTML 9Page - STMicroelectronics FC30 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Device functionality
FC30
6/13
2.3
Post assembly device verification
A special function allows the user to check the sensor functionality without moving the
device (device verification). This functionality is enabled by connecting the FC30 to an MCU.
For the connection scheme and additional information, please contact your local
STMicroelectronics sales office.
2.4
Power down
The power down function allows the device to be put in an ultra-low power consumption
mode by applying a "logic 1" voltage value to the PD pad. In this state the measurement
chain is powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com