Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405C12DM Datasheet(PDF) 1 Page - CTS Corporation

Part # 405C12DM
Description  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

405C12DM Datasheet(HTML) 1 Page - CTS Corporation

  405C12DM Datasheet HTML 1Page - CTS Corporation 405C12DM Datasheet HTML 2Page - CTS Corporation 405C12DM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document No. 008-0253-0
Page 1 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 405
Surface Mount Quartz Crystal
FEATURES
• Standard 5.0x3.2mm Surface Mount Footprint
• Stable Frequency Over Temperature and
Drive Level
• Frequency Range 12 – 50 MHz
• Frequency Tolerance, ±30 ppm Standard
(±10 ppm and ±20 ppm available)
• Frequency Stability, ±50 ppm Standard
(±10,±20,±30 and ±40 ppm available)
• Operating Temperature to –40°C to +85°C
• Tape & Reel Packaging, EIA-481-2 Compliant
• RoHS/Green Compliant
ORDERING INFORMATION
Example Part Numbers:
405C35A14M31818
405I35A32M00000
Custom performance characteristics are available upon request. Use form C052 to
detail non-standard parameters.
Contact your local CTS Representative or CTS Customer Service for assistance.
** Limited to Standard Operating Temperature
Range Only, Code C.
FREQUENCY TOLERANCE @ 25°C
1 = ± 10 ppm
2 = ± 20 ppm
3 = ± 30 ppm (standard)
STABILITY TOLERANCE
Over Operating Temperature Range
(Referenced to 25°C Reading)
1 = ± 10 ppm **
2 = ± 20 ppm
3 = ± 30 ppm
4 = ± 40 ppm
5 = ± 50 ppm (standard)
OPERATING TEMPERATURE RANGE
C = -20°C to +70°C (standard)
I = -40°C to +85°C
M
405
FREQUENCY IN MHz
M - indicates MHz and decimal point.
Frequency is recorded with minimum 5
significant digits to the right of the "M".
LOAD CAPACITANCE
A = 10 pF
B = 13 pF
C = 16 pF
D = 18 pF
E = 20 pF
F = 24 pF
G = 30 pF
H = 32 pF
J = 9 pF
K = 8 pF
L = 12 pF
S = Series
DESCRIPTION
The Model 405 is a ceramic packaged Crystal
offering reduced size, ideal for high-density
circuit board applications. The Model 405 offers
reliable precision and excellent shock
performance in wireless telecommunication
devices.


Similar Part No. - 405C12DM

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
405C100E1K ATC-405C100E1K Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E1X ATC-405C100E1X Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E2K ATC-405C100E2K Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E2X ATC-405C100E2X Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100F1K ATC-405C100F1K Datasheet
452Kb / 3P
Timer with Instantaneous Relay
More results

Similar Description - 405C12DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
Surface Mount Quartz Crystal
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
425 CTS-425 Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
Surface Mount Quartz Crystal
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
Surface Mount Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com