Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FTH9 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 3FTH9
Description  through-hole or SMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3FTH9 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  3FTH9 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3FTH9 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3FTH9 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3FTH9 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3FTH9 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3FTH9 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk
7.5
7.62
13.2
22.3
5.5
11.0
9.6
14.3
7.62
17.5
26.5
10.0
X = 4.5 to 15.0
7.62 5.8
19.3 to 29.8
5.5
6.5
Ordering example: 3FTL6RAS + 1K0016 + 2K03
12.5
Technical Data:
- through-hole only
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp:
RAS + 1D/1K/1P/1S
Dimensions 1D
Dimensions 1K
Dimensions 1P
Dimensions 1S
HOW TO ORDER
Switch
Cap
Mounting
T through-hole
00 blue
02 green
03 grey
04 yellow
06 white
08 re d
09 black
L6 low temp.
3F
TL 6
R A S
1K
1 6
+
+
Right angle support
Cap
00 blue
02 green
03 grey
04 yellow
06 white
08 re d
09 black
2K
Bezel
03 grey
06 white
08 re d
09 black
1S0 9
.
-
Cap black
5.3
8.7
7.62
23.0
HX *
16.0
8.5
19.0
11.5
22.5
15.0
*Any cap height X from 8.5 to 15.0 mm is available. Please order 1S09-H, where H = X+7.5 mm
Min. order Qty for custom heights is 2.000 pcs. A start-up charge will apply.
Cap
00 blue
03 grey
08 re d
09 black
(top wiew)
(top wiew)
7.62
ø1,0(3x)
PCB layout
(top wiew)
7.62
ø1,0(3x)
PCB layout
3CTL6 also available as right angle switch 3CTL6RAS. Please see multimec basic switch modules.
Standard versions:
3FTL6RAS, 3CTL6RAS,
30 ultra blue
40 dusty blue
42 aqua blue
32 mint green
33 tele grey
34 melon
38 noble red
50 metal dark blue
53 metal light grey
57 metal dark grey
58 metal bordeaux
7.62
ø1,0(3x)
PCB layout
(top wiew)
7.62
ø1,0(3x)
PCB layout
-40/+115ºC
1 P
1 D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com