Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
21
June 5, 2008
Timer Register - TMR
The TMR register is an 8-bit special function register lo-
cation within the special purpose Data Memory where
the actual timer value is stored. The value in the timer
registers increases by one each time an internal clock
pulse is received or an external transition occurs on the
PA4/TMR pin. The timer will count from the initial value
loaded by the preload register to the full count value of
FFH at which point the timer overflows and an internal
interrupt signal generated. The timer value will then be
reset with the initial preload register value and continue
counting. For a maximum full range count of 00H to FFH
the preload register must first be cleared to 00H. It
should be noted that after power-on the preload register
will be in an unknown condition. Note that if the
Timer/Event Counter is not running and data is written to
its preload register, this data will be immediately written
into the actual counter. However, if the counter is en-
abled and counting, any new data written into the
preload register during this period will remain in the
preload register and will only be written into the actual
counter the next time an overflow occurs.
Timer Control Register - TMRC
The flexible features of the Holtek microcontroller
Timer/Event Counters enable them to operate in three
different modes, the options of which are determined by
the contents of the Timer Control Register TMRC. To-
gether with the TMR register, these two registers control
the full operation of the Timer/Event Counters. Before
the timer can be used, it is essential that the TMRC reg-
ister is fully programmed with the right data to ensure its
correct operation, a process that is normally carried out
during program initialisation.
To choose which of the three modes the timer is to oper-
ate in, the timer mode, the event counting mode or the
pulse width measurement mode, bits TM0 and TM1
must be set to the required logic levels. The timer-on bit
TON or bit 4 of the TMRC register provides the basic
on/off control of the timer, setting the bit high allows the
counter to run, clearing the bit stops the counter. Bits
0~2 of the TMRC register determine the division ratio of
the input clock prescaler. The prescaler bit settings have
no effect if an external clock source is used. If the timer
is in the event count or pulse width measurement mode
the active transition edge level type is selected by the
logic level of the TE or bit 3 of the TMRC register.
T M R C R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
E v e n t C o u n t e r A c t i v e E d g e S e l e c t
1 : c o u n t o n f a l l i n g e d g e
0 : c o u n t o n r i s i n g e d g e
T E
T O N
T M 0
T M 1
T i m e r P r e s c a l e r R a t e S e l e c t
b 0
P S C 2 P S C 1 P S C 0
P S C 1
0
0
1
1
0
0
1
1
P S C 2
0
0
0
0
1
1
1
1
P S C 0
0
1
0
1
0
1
0
1
T i m e r R a t e
1 : 1
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
T i m e r / E v e n t C o u n t e r C o u n t i n g E n a b l e
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g M o d e S e l e c t
T M 1
0
0
1
1
T M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e
t i m e r m o d e
p u l s e w i d t h m e a s u r e m e n t m o d e
P u l s e W i d t h M e a s u r e m e n t A c t i v e E d g e S e l e c t
1 : s t a r t c o u n t i n g o n r i s i n g e d g e , s t o p o n f a l l i n g e d g e
0 : s t a r t c o u n t i n g o n f a l l i n g e d g e , s t o p o n r i s i n g e d g e
Timer/Event Counter Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com