Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FSH9 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3FSH9
Description  through-hole or SMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3FSH9 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3FSH9 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3FSH9 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3FSH9 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3FSH9 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3FSH9 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3FSH9 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
multimec®
mec Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . E-mail: danmec@mec.dk . www.mec.dk.
HOW TO ORDER
Dimensions (w/LED)
Dimensions (through-hole)
Dimensions (SMD)
Dimensions (Bezel)
(Optional)
Min. 10.16
Max 12.5
7.6
±0.5
14.3
14.3
14.3
14.0
7.6
Min. 10.16
Max 12.5
Switch
Cap
Cap transparent
Bezel
Bezel
Mounting
T through-hole
S surface mount
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
03 grey
06 white
08 red
09 black
L6 low temp.
H9 high temp.
Standard versions:
3FTL6
3FTH9
3FSH9
3FSH9R
3F
1
+
K1 6
1K1 1 1 6
2K
2K
Switch
Ordering example: 3FTL688 + 1K1116
Mounting
T through-hole
03 grey
06 white
08 red
09 black
LED
23 green
44 yellow
88 red
L6 low temp.
H9 high temp.
Standard versions:
3FTL622
3FTL644
3FTL688
3F
T
+
ø = 0.9
2.54
10.16
ø = 0.9
2.54
10.16
2.5
12.5
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp:
high temp:
PCB layout
PCB layout
(top view)
PCB layout
3F + 1K + 2K
16.4
14.6
17.75
+
+
7.6
±0.5
0.8
0.8
0.3
0.8
0.3
-40/+115ºC
-40/+160ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com