Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLL5956B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MLL5956B
Description  METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL5956B Datasheet(HTML) 2 Page - Microsemi Corporation

  MLL5956B Datasheet HTML 1Page - Microsemi Corporation MLL5956B Datasheet HTML 2Page - Microsemi Corporation MLL5956B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
METALLURGICALLY BONDED GLASS
SURFACE MOUNT 1.5 WATT ZENERS
SCOTTSD A L E DIVISION
1N5913BUR-1 thru 1N5956BUR-1
(or MLL5913B thru MLL5956B)
ELECTRICAL CHARACTERISTICS @ TEC = 25oC unless otherwise noted*
ZENER
VOLTAGE
VZ
(Note 2)
TEST
CURRENT
IZT
DYNAMIC
IMPEDANCE
ZZT
(Note 3)
KNEE
CURRENT
IZK
KNEE
IMPEDANCE
ZZK
(Note 3)
REVERSE
CURRENT
IR
REVERSE
VOLTAGE
VR
MAX. DC
CURRENT
IZM
MICROSEMI
PART
NUMBER
(Note 1 &4)
Volts
mA
Ohms
mA
Ohms
µAdc
Volts
mA
1N5913BUR-1
1N5914BUR-1
1N5915BUR-1
1N5916BUR-1
3.3
3.6
3.9
4.3
113.6
104.2
96.1
87.2
10
9.0
7.5
6.0
1.0
1.0
1.0
1.0
500
500
500
500
100
75
25
5.0
1.0
1.0
1.0
1.0
454
416
384
348
1N5917BUR-1
1N5918BUR-1
1N5919BUR-1
1N5920BUR-1
4.7
5.1
5.6
6.2
79.8
73.5
66.9
60.5
5.0
4.0
2.0
2.0
1.0
1.0
1.0
1.0
500
350
250
200
5.0
5.0
5.0
5.0
1.5
2.0
3.0
4.0
319
294
267
241
1N5921BUR-1
1N5922BUR-1
1N5923BUR-1
1N5924BUR-1
6.8
7.5
8.2
9.1
55.1
50.0
45.7
41.2
2.5
3.0
3.5
4.0
1.0
0.5
0.5
0.5
200
400
400
500
5.0
5.0
5.0
5.0
5.2
6.0
6.5
7.0
220
200
182
164
1N5925BUR-1
1N5926BUR-1
1N5927BUR-1
1N5928BUR-1
10
11
12
13
37.5
34.1
31.2
28.8
4.5
5.5
6.5
7.0
0.25
0.25
0.25
0.25
500
550
550
550
5.0
1.0
1.0
1.0
8.0
8.4
9.1
9.9
150
136
125
115
1N5929BUR-1
1N5930BUR-1
1N5931BUR-1
1N5932BUR-1
15
16
18
20
25.0
23.4
20.8
18.7
9.0
10
12
14
0.25
0.25
0.25
0.25
600
600
650
650
1.0
1.0
1.0
1.0
11.4
12.2
13.7
15.2
100
93
83
75
1N5933BUR-1
1N5934BUR-1
1N5935BUR-1
1N5936BUR-1
22
24
27
30
17.0
15.6
13.9
12.5
17.5
19
23
28
0.25
0.25
0.25
0.25
650
700
700
750
1.0
1.0
1.0
1.0
16.7
18.2
20.6
22.8
68
62
55
50
1N5937BUR-1
1N5938BUR-1
1N5939BUR-1
1N5940BUR-1
33
36
39
43
11.4
10.4
9.6
8.7
33
38
45
53
0.25
0.25
0.25
0.25
800
850
900
950
1.0
1.0
1.0
1.0
25.1
27.4
29.7
32.7
45
41
38
34
1N5941BUR-1
1N5942BUR-1
1N5943BUR-1
1N5944BUR-1
47
51
56
62
8.0
7.3
6.7
6.0
67
70
86
100
0.25
0.25
0.25
0.25
1000
1100
1300
1500
1.0
1.0
1.0
1.0
35.8
38.8
42.6
47.1
31
29
26
24
1N5945BUR-1
1N5946BUR-1
1N5947BUR-1
1N5948BUR-1
68
75
82
91
5.5
5.0
4.6
4.1
120
140
160
200
0.25
0.25
0.25
0.25
1700
2000
2500
3000
1.0
1.0
1.0
1.0
51.2
56.0
62.2
69.2
22
20
18
16
1N5949BUR-1
1N5950BUR-1
1N5951BUR-1
1N5952BUR-1
100
110
120
130
3.7
3.4
3.1
2.9
250
300
380
450
0.25
0.25
0.25
0.25
3100
4000
4500
5000
1.0
1.0
1.0
1.0
76.0
83.6
91.2
98.9
15
13
12
11
1N5953BUR-1
1N5954BUR-1
1N5955BUR-1
1N5956BUR-1
150
160
180
200
2.5
2.3
2.1
1.9
600
700
900
1200
0.25
0.25
0.25
0.25
6000
6500
7000
8000
1.0
1.0
1.0
1.0
114.0
121.6
136.8
152.0
10
9
8
7
*
TEC Maintained at 30oC, VF = 1.2V max @ IF = 200 mA (all types).
NOTE 1:
No suffix indicates a +/-20% tolerance on nominal
VZ. The suffix A denotes +/-10%, the standard suffix B denotes +/-5%, C denotes +/-2%, and
D denotes +/-1% tolerance.
NOTE 2:
Zener voltage (VZ) is measured at end cap temperatures TEC = 30
oC. Voltage measurement to be performed 90 seconds after application of dc
current.
NOTE 3:
The zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener
current (IZT or IZK) is superimposed on IZT or IZK.
NOTE 4: This product series has also been previously identified as the MLL5913B thru MLL5956B series that included the enhanced metallurgical bond.
This alternate name may still be used.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2005
1-04-2005 REV D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com