Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW443. Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # 3RW443.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW443. Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button 3RW443. Datasheet HTML 3Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 4Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 5Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 6Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 7Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 8Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 9Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 10Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Soft start-up with voltage ramp and current limiting
What are the benefits of settable
current limiting?
More and more power supply companies
request compliance with specific current
limit values during start-up to minimize
the load on the power supply systems
posed by high starting currents. This
requirement can be perfectly met with
the settable current limiting of our soft
starters.
Is an external bypass contactor
required?
No. Thanks to integrated bridging
contact systems, bypass contactors
are unnecessary while the power
semiconductors’ power loss is
nevertheless sustainably minimized.
What are the advantages of the
inside-delta circuit?
With inside-delta circuits, the soft
starter’s phases are switched in series
with the individual motor windings,
thanks to which the soft starter merely
has to conduct the delta current, i. e.
58% of the nominal motor current
(conductor current).
Automatic recognition of the circuit type
by our soft starters partially facilitates
the application of considerably smaller
devices.
Do all three phases have to be
controlled?
No, this is not required for operational
switching. Also for smooth motor start
using our soft alternative, two controlled
phases are sufficient with standard soft
starters. Moreover, our solution not only
saves costs, but also space in the control
cabinet. However, the third controlled
phase is required for inside-delta circuits.
Are there further options for soft
motor starting?
Soft motor starting can also be realized
with a frequency converter. However, this
is only reasonable if the motor’s speed
is to be influenced also during operation
in addition to the starting phase – which
increases the costs.
Rated current I of the starter corresponds to the
nominal motor current
I
3 cables to the motor
Rated current I of the starter corresponds to 58%
of the nominal motor current I
6 cables (as with wye-delta* starters) to the motor
Standard circuit
Inside-delta circuit
Phase control angle principle of the line voltage
with soft starters using semiconductor elements
= Phase control angle
I = 100 A
I = 58 A
Q11
IN
I
I = 100 A
I = 100 A
I
I
with voltage ramp
I
I
I
I
US: Starting voltage
IS:
Starting current
IB:
Limiting current
with current limiting
* star-delta
7
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com