Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1135 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1135
Description  RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1135 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1135 Datasheet HTML 1Page - STMicroelectronics SD1135 Datasheet HTML 2Page - STMicroelectronics SD1135 Datasheet HTML 3Page - STMicroelectronics SD1135 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1,C2,
C5,C6 : 0.8-10pF, Voltronics AJ10
C3,C4 : ATC 100-B, 16pF, Chip Capacitor
C7
: ATC 100-B, 620pF, Chip Capacitor
C8
: 5.6
µF, 35V, Electrolytic
C9
: 0.1
µF, Disc-Ceramic
C10
: 0.01
µF, Disc-Ceramic
L1
: 2 Turns, #22 Enameled, 0.1” I.D.
RFC
: 2 Turns in Ferroxcube VK 200/19-4B
Board Material 3M-K-6098, 1/16” Thick
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
450 MHz
1.4 + j 2.0
10.7
− j6.9
470 MHz
1.4 + j 2.9
11.4
− j5.8
512 MHz
1.5 + j 3.4
11.9
− j3.2
SD1135
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com