Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31012 Datasheet(PDF) 1 Page - Pro-Signal

Part # 31012
Description  Shinn Thon UK Ltd 1st Floor, 223 Dalton Road, Barrow in Furness, Cumbria.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31012 Datasheet(HTML) 1 Page - Pro-Signal

  31012 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shinn Thon UK Ltd
1
st Floor, 223 Dalton Road, Barrow in Furness, Cumbria. LA14 1PQ
Tel: 0870 609 2264
Fax: 012229 833 733
E-mail: sales@shinnthon.com
VAT No: 864336509
Company No: 05373145
Product Datasheet
31013 Line Plug 4 Way 431A
31012 Line Plug 6 Way 631A
Specifications
• Available in black and white as standard, other colours by
request
• Available in 1.5m, 3m and 6.4m lengths as standard, other
lengths by request
• RoHS compliant
2
1
3
4
3
4
2
1
Code
Description
31010
Coiled Cable 4P4C-4P4C Black 1.50m
31011
Colied Cable 4P4C-4P4C Black 3m
31012
Colied Cable 4P4C-4P4C Black 6.40m
31010W Coiled Cable 4P4C-4P4C White 1.50m
31011W Colied Cable 4P4C-4P4C White 3m
31012W Colied Cable 4P4C-4P4C White 6.40m


Similar Part No. - 31012

ManufacturerPart #DatasheetDescription
logo
Weidmuller
3101200000 WEIDMULLER-3101200000 Datasheet
582Kb / 6P
BLF 5.08HC/06/180F AU OR BX
logo
PHOENIX CONTACT
3101223 PHOENIX-3101223 Datasheet
99Kb / 3P
MTKD-NICRSI/NISI
logo
Virginia Panel Corporat...
310128101 VPC-310128101 Datasheet
74Kb / 1P
i1 RECEIVER ASSEMBLY
logo
Pro-Signal
31012R PROSIGNAL-31012R Datasheet
153Kb / 1P
RJ10 Plug to RJ10 Plug
V1.0 20/01/21
31012WR PROSIGNAL-31012WR Datasheet
29Kb / 1P
Telephone Handset Cords Coiled Cable
More results

Similar Description - 31012

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2481L MUSIC-MU9C2481L Datasheet
111Kb / 20P
LANCAM짰 1ST Family
logo
List of Unclassifed Man...
517598 ETC2-517598 Datasheet
425Kb / 4P
maxon motor uk ltd Maxon House, Hogwood Lane, Finchampstead
logo
WAGO Kontakttechnik Gmb...
750-842 WAGO-750-842 Datasheet
438Kb / 16P
Controller ETHERNET; 1st Generation
logo
Burland Technology Solu...
2003B BURLAND-2003B Datasheet
370Kb / 1P
Floor box system: 2003B
2003Q BURLAND-2003Q Datasheet
316Kb / 1P
Floor box system: 2003Q
2004Q BURLAND-2004Q Datasheet
570Kb / 1P
Floor box : 2004Q
2008B BURLAND-2008B Datasheet
260Kb / 1P
Floor box system: 2008B
3202E BURLAND-3202E Datasheet
296Kb / 1P
Floor socket: 3202E
3303E BURLAND-3303E Datasheet
272Kb / 1P
Floor socket: 3303E
9902A BURLAND-9902A Datasheet
376Kb / 1P
Floor socket: 9902A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com