Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSG00030 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG00030
Description  2.5mm Stereo Jack Plug to Right Angled Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG00030 Datasheet(HTML) 1 Page - Pro-Signal

  PSG00030 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
21/10/22
2.5mm Stereo Jack Plug to Right Angled Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Dimensions : Millimetres
Part Number Table
Description
Part Number
2.5mm Stereo Jack Plug to Right Angled Plug Lead, 2m, Black
PSG00030
Specifications
Connector Type A
: 2.5mm Stereo Jack Plug
Connector Type B
: 2.5mm Stereo Jack Plug, 90°
Cable Length
: 2m (6.6ft)
Jacket Colour
: Black
Diagram


Similar Part No. - PSG00030

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PSG00032 MULTICOMP-PSG00032 Datasheet
196Kb / 1P
2.5mm Stereo Jack Plug to Jack Plug
V1.0 25/03/21
PSG00036 MULTICOMP-PSG00036 Datasheet
143Kb / 1P
2.5mm Mono Plug to Plug
V1.0 26/04/21
More results

Similar Description - PSG00030

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5547 POMONA-5547 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
73053 POMONA-73053 Datasheet
114Kb / 1P
TNC Right-Angle Jack to Plug Adapter
logo
Amphenol Corporation
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
CUI INC
SJ-2504N CUI-SJ-2504N Datasheet
261Kb / 1P
2.5mm AUDIO JACK-STEREO
logo
List of Unclassifed Man...
JR8307-1.5M ETC2-JR8307-1.5M Datasheet
211Kb / 1P
2.5mm DC Plug to 2.5mm DC Jack
PPW00029 ETC2-PPW00029 Datasheet
161Kb / 1P
2.5mm DC Plug to Plug
logo
CUI INC
SJ1-2503A CUI-SJ1-2503A Datasheet
24Kb / 1P
2.5mm STEREO JACK
SP-2501 CUI-SP-2501 Datasheet
31Kb / 1P
2.5mm STEREO PLUG
SJ-2509N CUI-SJ-2509N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-STEREO
SJ-2503A CUI-SJ-2503A Datasheet
62Kb / 1P
2.5mm AUDIO Jack-STEREO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com